Electronic Components Datasheet Search
  English  ▼

X  

SP693AET Datasheet(PDF) 14 Page - Sipex Corporation

Part # SP693AET
Description  Low Power Microprocessor Supervisory with Battery Switch-Over
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP693AET Datasheet(HTML) 14 Page - Sipex Corporation

Back Button SP693AET Datasheet HTML 10Page - Sipex Corporation SP693AET Datasheet HTML 11Page - Sipex Corporation SP693AET Datasheet HTML 12Page - Sipex Corporation SP693AET Datasheet HTML 13Page - Sipex Corporation SP693AET Datasheet HTML 14Page - Sipex Corporation SP693AET Datasheet HTML 15Page - Sipex Corporation SP693AET Datasheet HTML 16Page - Sipex Corporation SP693AET Datasheet HTML 17Page - Sipex Corporation SP693AET Datasheet HTML 18Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
Date: 5/25/04
SP691A/693A/800L/800M Low Power Microprocessor Supervisor with Battery Switch-Over © Copyright 2004 Sipex Corporation
14
Chip-Enable Output
In the enabled mode, the impedance of CE
OUT
is equivalent to 65
Ω in series with the source
driving CE
IN. In the disabled mode, the 65Ω
transmission gate is off and CE
OUT is actively
pulled to VOUT. This source turns off when the
transmission gate is enabled.
LOWLINE Output
LOWLINE is the buffered output pin of the
reset threshold comparator. Refer to Figure 16.
LOWLINE typically sinks 3.2mA at 0.1V. For
normal operation where V
CC is above the reset
threshold, LOWLINE is pulled to V
OUT.
Power-Fail Comparator
The power-fail comparator is an uncommitted
comparator that has no effect on the other
functions of the SP691A/693A/800L/800M
devices. Common uses include low battery
detection, as found in Figure 23, and early
power-fail detection when the unregulated power
is easily accessible as shown in Figure 17.
Power-Fail Input
The Power-Fail Input (PFI) has a guaranteed
input leakage of +25nA max over temperature.
The typical comparator delay is 25
µs from VIL
to VOL (power failing), and 60
µs from VIH to
VOH (power being restored). Connect this
input to ground if PFI is not used.
Power-Fail Output
The Power-Fail Output (PFO) goes low when
PFI goes below 1.25V. It sinks 3.2mA with a
saturation voltage of 0.1V. With PFI above
1.25V, PFO is actively pulled to VOUT. PFO
can be used to generate an NMI for the
µP, as
shown in Figure 17.
Battery-Backup Mode
The SP691A/693A/800L/800M requires two
conditions to switch to battery-backup mode:
1) VCC must be below the reset threshold; 2)
VCC must be below VBATT. Table 2 lists the
status of the inputs and outputs in battery-
backup mode.
Battery-On Output
The Battery On Output (BATT ON) indicates
the status of the internal VCC/battery-switchover
comparator, which controls the internal VCC and
VBATT switches. For VCC greater that VBATT
(ignoring the small hysteresis effect), BATT ON
is a logic low. For V
CC less than VBATT, BATT
ON is a logic high. Use BATT ON to indicate
battery-switchover status or to supply base drive
to an external pass transistor for higher-current
applications. Refer to Figure 17.
CEOUT
CEIN
12
VBATT
2.8V
GND
1
13
4
CLOAD
PFO
+2.0V
to
+5.5V
R2
R1
VCC
+5V
GND
LOW BATT
PFI
VBATT
Figure 22. Chip Enable Propagation Delay Test Circuit
Figure 23. Low-Battery Indicator Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com