Electronic Components Datasheet Search
  English  ▼

X  

TLP292 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLP292
Description  Programmable Controllers AC/DC-Input Module Hybrid ICs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP292 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLP292 Datasheet HTML 1Page - Toshiba Semiconductor TLP292 Datasheet HTML 2Page - Toshiba Semiconductor TLP292 Datasheet HTML 3Page - Toshiba Semiconductor TLP292 Datasheet HTML 4Page - Toshiba Semiconductor TLP292 Datasheet HTML 5Page - Toshiba Semiconductor TLP292 Datasheet HTML 6Page - Toshiba Semiconductor TLP292 Datasheet HTML 7Page - Toshiba Semiconductor TLP292 Datasheet HTML 8Page - Toshiba Semiconductor TLP292 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
TLP292
2013-09-12
2
Current Transfer Ratio (Unless otherwise specified, Ta = 25°C)
Note 1: Specify both the part number and a rank in this format when ordering
(e.g.) rank GB: TLP292 (GB,E
For safety standard certification, however, specify the part number alone.
(e.g.)TLP292 (GB,E: TLP292
Rank
(Note 1
)
Test condition
Current Transfer Ratio
Marking of classification
Unit
IC / IF
Min
Max
Blank
IF =±5 mA, VCE = 5 V
50
600
Blank, YE, GR, GB, BL
%
IF =±0.5 mA, VCE = 5 V
Y
IF =±5 mA, VCE = 5 V
50
150
YE
IF =±0.5 mA, VCE = 5 V
GR
IF =±5 mA, VCE = 5 V
100
300
GR
IF =±0.5 mA, VCE = 5 V
GB
IF =±5 mA, VCE = 5 V
100
600
GB
IF =±0.5 mA, VCE = 5 V
BL
IF =±5 mA, VCE = 5 V
200
600
BL
IF =±0.5 mA, VCE = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com