Electronic Components Datasheet Search
  English  ▼

X  

18052 Datasheet(PDF) 1 Page - Aries Electronics, Inc.

Part # 18052
Description  5-Pin PLCC Motorola MC68HC11E9-to-56-Pin SDIP Adapter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARIES [Aries Electronics, Inc.]
Direct Link  http://www.arieselec.com
Logo ARIES - Aries Electronics, Inc.

18052 Datasheet(HTML) 1 Page - Aries Electronics, Inc.

  18052 Datasheet HTML 1Page - Aries Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Bristol, PA 19007-6810 USA
TEL (215) 781-9956 • FAX (215) 781-9845
PRINTOUTS OF THIS DOCUMENT MAY BE OUT OF DATE AND SHOULD BE CONSIDERED UNCONTROLLED
• INFO@ARIESELEC.COM
WWW.ARIESELEC.COM
FEATURES
• Allows placing an PLCC package on a board laid out for a shrink DIP.
GENERAL SPECIFICATIONS
• BOARD MATERIAL: 0.062 [1.58] thick FR-4 with 1-oz. Cu traces, both sides
• PADS: HASL
• PINS: Brass 360 1/2-hard per UNS C36000, ASTM B16/B16M
• PIN PLATING: Sn/Pb 93/7 per ASTM B579-73 over 100µ [2.54µ] Ni per SAE
AMS-QQ-N-290
• OPERATING TEMPERATURE: 221°F [105°C]
• FEMALE SOCKET: AMP or equivalent standard single beam PLCC socket
MOUNTING CONSIDERATIONS
• Solder process like any other surface mount device
18052
Rev. AA
5-Pin PLCC Motorola
MC68HC11E9-to-56-Pin SDIP Adapter
PLCC
SDIP
PLCC
SDIP
1
1
--
29
2
2
27
30
3
3
28
31
4
4
29
32
5
5
30
33
6
6
31
34
7
7
32
35
8
8
33
36
9
9
34
37
10
10
35
38
11
11
36
39
12
12
37
40
13
13
38
41
14
14
39
42
15
15
40
43
16
16
41
44
17
17
42
45
18
18
43
46
19
19
44
47
20
20
45
48
--
21
46
49
21
22
47
50
22
23
48
51
23
24
49
52
24
25
50
53
25
26
51
54
26
27
52
55
--
28
56
CUSTOMIZATION: In addition to the standard products shown
on this page, Aries specializes in custom design and production.
Special materials, platings, sizes, and configurations can be
furnished, depending on the quantity.
NOTE: Aries reserves the
right to change product general specifications without notice.
ALL DIMENSIONS: INCHES [MILLIMETERS]
ALL TOLERANCES: ±0.005 [0.13] UNLESS OTHERWISE SPECIFIED
CONSULT FACTORY FOR OTHER SIZES AND CONFIGURATIONS
ORDERING INFORMATION
1109252-P
Optional Panelized Form


Similar Part No. - 18052

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1805210000 WEIDMULLER-1805210000 Datasheet
428Kb / 5P
SL-SMT 3.50/02/180LF 1.5SN BK RL
1805230000 WEIDMULLER-1805230000 Datasheet
501Kb / 5P
SL-SMT 3.50/03/180LF 1.5SN BK RL
1805240000 WEIDMULLER-1805240000 Datasheet
500Kb / 5P
SL-SMT 3.50/04/180LF 1.5SN BK RL
1805250000 WEIDMULLER-1805250000 Datasheet
502Kb / 5P
SL-SMT 3.50/05/180LF 1.5SN BK RL
1805270000 WEIDMULLER-1805270000 Datasheet
502Kb / 5P
SL-SMT 3.50/06/180LF 1.5SN BK RL
More results

Similar Description - 18052

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
1111163 ARIES-1111163 Datasheet
476Kb / 1P
40-Pin DIP-to-Socketable PLCC Adapter
1109252-P ARIES-1109252-P Datasheet
520Kb / 1P
5-Pin PLCC Motorola MC68HC11E9-to-56-Pin SDIP Adapter
1110267-N-P ARIES-1110267-N-P Datasheet
467Kb / 1P
68-Pin PLCC-to-DIP 64-Pin Motorola MC68HC000 Adapter
16-304633-18 ARIES-16-304633-18 Datasheet
423Kb / 1P
20-Pin PLCC-to-16-Pin DIP Adapter for Motorola MC12009 and Others
20-301550-10 ARIES-20-301550-10 Datasheet
626Kb / 1P
Adapter for Motorola MC145158-2 SOIC DW-to-20-Pin PLCC
44-305263-20-P ARIES-44-305263-20-P Datasheet
472Kb / 1P
44-Pin 0.8mm QFP-to-44-Pin PLCC Adapter
18054 ARIES-18054 Datasheet
552Kb / 1P
68-Pin PLCC-to-DIP 64-Pin Motorola MC68HC000 Adapter
18070 ARIES-18070 Datasheet
509Kb / 1P
P/N 16-304633-18 20-Pin PLCC-to-16-Pin DIP Adapter for Motorola MC12009 and Others
18079 ARIES-18079 Datasheet
723Kb / 1P
Adapter for Motorola MC145158-2 SOIC DW-to-20-Pin PLCC
18081 ARIES-18081 Datasheet
572Kb / 1P
44-Pin 0.8mm QFP-to-44-Pin PLCC Adapter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com