Electronic Components Datasheet Search
  English  ▼

X  

24009 Datasheet(PDF) 2 Page - Aries Electronics, Inc.

Part # 24009
Description  High-Frequency Center Probe Test Socket for Devices up to 27mm Square
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARIES [Aries Electronics, Inc.]
Direct Link  http://www.arieselec.com
Logo ARIES - Aries Electronics, Inc.

24009 Datasheet(HTML) 2 Page - Aries Electronics, Inc.

  24009 Datasheet HTML 1Page - Aries Electronics, Inc. 24009 Datasheet HTML 2Page - Aries Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Bristol, PA 19007-6810 USA
TEL (215) 781-9956 • FAX (215) 781-9845
PRINTOUTS OF THIS DOCUMENT MAY BE OUT OF DATE AND SHOULD BE CONSIDERED UNCONTROLLED
• INFO@ARIESELEC.COM
WWW.ARIESELEC.COM
High-Frequency Center Probe Test Socket
for Devices up to 27mm Square
24009
2 of 2
Rev. 1.5
SPRING PROBES
ALL DIMENSIONS: INCHES [MILLI-
METERS]
ALL TOLERANCES: ±0.005 [0.13]
UNLESS OTHERWISE SPECIFIED
CUSTOMIZATION: In addition to the
standard products shown on this
page, Aries specializes in custom
design and production. Special mate-
rials, platings, sizes, and configura-
tions can be furnished, depending on
the quantity. NOTE: Aries reserves
the right to change product general
specifications without notice.
FULL-ARRAY SHOWN AS AN EXAMPLE; YOUR SPECIFIC DEVICE
PATTERN/FOOTPRINT WILL BE SUPPLIED WHEN ORDERED.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com