Electronic Components Datasheet Search
  English  ▼

X  

SPX1587 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SPX1587
Description  3A Low Dropout Voltage Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX1587 Datasheet(HTML) 1 Page - Sipex Corporation

  SPX1587 Datasheet HTML 1Page - Sipex Corporation SPX1587 Datasheet HTML 2Page - Sipex Corporation SPX1587 Datasheet HTML 3Page - Sipex Corporation SPX1587 Datasheet HTML 4Page - Sipex Corporation SPX1587 Datasheet HTML 5Page - Sipex Corporation SPX1587 Datasheet HTML 6Page - Sipex Corporation SPX1587 Datasheet HTML 7Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Rev. 10/30/00
SPX1587
3A Low Dropout Voltage Regulator
Adjustable & Fixed Output,
Fast Response
FEATURES
APPLICATIONS
• Adjustable Output Down To 1.2V
• Powering VGA & Sound Card
• Fixed Output Voltages 1.5, 2.5, 3.3, 5.0V
• Power PC Supplies
• Output Current Of 3A
• SMPS Post-Regulator
• Low Dropout Voltage 1.1V Typ.
• High Efficiency “Green” Computer Systems
• Extremely Tight Load And Line Regulation
• High Efficiency Linear Power Supplies
• Current & Thermal Limiting
• Portable Instrumentation
• Standard 3-Terminal Low Cost TO-220, TO-263 & TO-252
• Constant Current Regulators
• Similar To Industry Standard LT1085/LT1585
• Adjustable Power Supplies
• Battery charger
PRODUCT DESCRIPTION
The SPX1587 is a low power 3A adjustable and fixed voltage regulator that is very easy to use. It requires only 2 external resistors to
set the output voltage for adjustable version. The SPX1587 are designed for low voltage applications that offers lower dropout voltage
and faster transient response. This device is an excellent choice for use in powering low voltage microprocessor that require a lower
dropout, faster transient response to regulate from +2.5V to 3.8V supplies and as a post regulator for switching supplies applications.
The SPX1587 features low dropout of a maximum 1.2 volts.
The SPX1587 offers over current limit and full protection against reversed input polarity, reversed load insertion, and positive and
negative transient voltage. On-Chip trimming adjusts the reference voltage to 1%. The IQ of this device flows into the load, which
increases efficiency.
The SPX1587 are offered in a 3-pin TO-220, TO-263 & TO-252 packages compatible with other 3 terminal regulators. For a 5A low
dropout regulator refer to the SPX1585 data sheet.
PIN CONNECTIONS
Front View
TO-220-3 (U)
SPX1587
1
23
ADJ/GND V
OUT
V
IN
Top View
TO-263-3 (T)
1
SPX1587
2
3
ADJ/GND V
OUT
V
IN
Front View
TO-252 (R)
ADJ/GND
V
IN
V
OUT
3
2
1
SPX1587


Similar Part No. - SPX1587

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1587 SIPEX-SPX1587 Datasheet
187Kb / 7P
3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1587 SIPEX-SPX1587 Datasheet
187Kb / 7P
3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1587 SIPEX-SPX1587 Datasheet
1Mb / 11P
3A Low Dropout Voltage Regulator
logo
Exar Corporation
SPX1587 EXAR-SPX1587 Datasheet
622Kb / 11P
3A Low Dropout Voltage Regulator
logo
Sipex Corporation
SPX1587AR SIPEX-SPX1587AR Datasheet
187Kb / 7P
3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
More results

Similar Description - SPX1587

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS1085 ADMOS-AMS1085 Datasheet
85Kb / 9P
3A LOW DROPOUT VOLTAGE REGULATOR
AMS1587 ADMOS-AMS1587 Datasheet
85Kb / 9P
3A LOW DROPOUT VOLTAGE REGULATOR
logo
List of Unclassifed Man...
CM1582 ETC2-CM1582 Datasheet
256Kb / 11P
3A LOW DROPOUT VOLTAGE REGULATOR
logo
Advanced Monolithic Sys...
AMS1085 ADMOS-AMS1085_05 Datasheet
194Kb / 9P
3A LOW DROPOUT VOLTAGE REGULATOR
logo
List of Unclassifed Man...
CX1085 ETC2-CX1085 Datasheet
108Kb / 2P
3A Low dropout voltage regulator
logo
Exar Corporation
XRP29302 EXAR-XRP29302 Datasheet
1Mb / 9P
3A Low Dropout Voltage Regulator
SPX1587 EXAR-SPX1587 Datasheet
622Kb / 11P
3A Low Dropout Voltage Regulator
SPX29300 EXAR-SPX29300 Datasheet
648Kb / 10P
3A Low Dropout Voltage Regulator
XRP29302ETBTR-L EXAR-XRP29302ETBTR-L Datasheet
2Mb / 9P
3A Low Dropout Voltage Regulator
SPX29300 EXAR-SPX29300_16 Datasheet
660Kb / 10P
3A Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com