Electronic Components Datasheet Search
  English  ▼

X  

SPX2431 Datasheet(PDF) 6 Page - Sipex Corporation

Part # SPX2431
Description  Precision Adjustable Shunt Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2431 Datasheet(HTML) 6 Page - Sipex Corporation

  SPX2431 Datasheet HTML 1Page - Sipex Corporation SPX2431 Datasheet HTML 2Page - Sipex Corporation SPX2431 Datasheet HTML 3Page - Sipex Corporation SPX2431 Datasheet HTML 4Page - Sipex Corporation SPX2431 Datasheet HTML 5Page - Sipex Corporation SPX2431 Datasheet HTML 6Page - Sipex Corporation SPX2431 Datasheet HTML 7Page - Sipex Corporation SPX2431 Datasheet HTML 8Page - Sipex Corporation SPX2431 Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
Date: 05/25/04
SPX2431 Precision Adjustable Shunt Regulator
© Copyright 2004 Sipex Corporation
TYPICAL PERFORMANCE CHARACTERISTICS: Continued
Figure 17. Test Circuit for Stability
Figure 18. Dynamic Output Impedance T
A = 25°C,
I
K = 1 to 100mA
Figure 19. Off State Leakage
Figure 20. Shunt Regulator V
OUT = (1+R1/R2)VREF
150
Ω
10k
Ω
I
K
C
L
R
0.01
0.1
1
10
100
-50
0
50
100
150
TA Ambient Temperature (°C)
VKA = 20V
VREF = 0V
1K
10K
100K
1M
10M
100
10
1.0
0.1
0.01
f Frecuency (Hz)
TA = 25°C
IK = 1 to 100mA
R2
0.1%
VIN
R3
R1
0.1%
VOUT
VREF
SPX2431
Figure 21. Constant Current, Sink, I
SINK = VREF/R1
Figure 22. Reference Amplifier for Isolated Feedback in
Off-Line DC-DC Converters
Q1
VIN
R2
R1
0.1%
ISINK
SPX2431
R2
0.1%
R3
R1
0.1%
VOUT
SPX2431
C2
C1
Isolated
Feedback
VOUTRTN
+
R3 sets feedback gain,
C1 provides feedback
compensation
Opto Isolator



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com