Electronic Components Datasheet Search
  English  ▼

X  

SPX2810 Datasheet(PDF) 6 Page - Sipex Corporation

Part # SPX2810
Description  1A Low Dropout Positive Linear Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2810 Datasheet(HTML) 6 Page - Sipex Corporation

Back Button SPX2810 Datasheet HTML 2Page - Sipex Corporation SPX2810 Datasheet HTML 3Page - Sipex Corporation SPX2810 Datasheet HTML 4Page - Sipex Corporation SPX2810 Datasheet HTML 5Page - Sipex Corporation SPX2810 Datasheet HTML 6Page - Sipex Corporation SPX2810 Datasheet HTML 7Page - Sipex Corporation SPX2810 Datasheet HTML 8Page - Sipex Corporation SPX2810 Datasheet HTML 9Page - Sipex Corporation SPX2810 Datasheet HTML 10Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
Date: 5/25/04
SPX2810 1A Low Dropout Linear Regulator
© Copyright 2004 Sipex Corporation
Figure 11. 12.5V Regulator with Shutdown
Figure 10. Improving Ripple Rejection
Figure 12. Recommended Connections for Best Results
Output Voltage
The output of the adjustable regulator can be set to any voltage between 1.25V and 10V. The value
of V
OUT can be quickly approximated using the formula (Figure 9)
V
OUT=1.25 *(R1 + R2)/R1.
A small correction to this formula is required depending on the values of resistors R1 and R2, since
adjustable pin current (approx 50
µA) flows through R2. When I
ADJ is taken into account, the formula
becomes
V
OUT = VREF(1+ (R2/R1)) + IADJ * R2, where VREF=1.25V.
Layout Considerations
Parasitic line resistance can degrade load regulation. In order not to affect the behavior of the regulator,
it is best to connect R
1 to the case as illustrated in Figure 11. For the same reason, R2 should be
connected to the negative side of the load.
SPX2810
V
IN
R 2
R 1
Connect R
2
to Load
R L
Connect R1 to
Case of Regulator
RP Parasitic Line
Resistance
V
OUT
ADJ
SPX2810
V
IN
10µF
1k
Ω
1%
330Ω
1%
+
+
4.7µF
5V
ADJ
IN
OUT
(Note A)
1k
1k
TTL
Input
2N3904
DROPOUT (MAX)
Note A: V
IN(MIN)
= (Intended V
OUT
) + (V
)
SPX2810
V
IN
R
1
R
2
10µF
10µF*
1kΩ,
330Ω
1%
+
+
4.7µF
C
1
*C
1
improves ripple rejection.
Z
C
should be ~ R1 at ripple frequency
5V
ADJ
IN
OUT
(Note A)
V
OUT
Note A: V
IN(MIN) = (Intended VOUT
) + (V DROPOUT (MAX))
1%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com