Electronic Components Datasheet Search
  English  ▼

X  

SPX29302A Datasheet(PDF) 2 Page - Sipex Corporation

Part # SPX29302A
Description  3A High Current, Low Dropout Voltage Regulator Adjustable, Fast Response Time
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX29302A Datasheet(HTML) 2 Page - Sipex Corporation

  SPX29302A Datasheet HTML 1Page - Sipex Corporation SPX29302A Datasheet HTML 2Page - Sipex Corporation SPX29302A Datasheet HTML 3Page - Sipex Corporation SPX29302A Datasheet HTML 4Page - Sipex Corporation SPX29302A Datasheet HTML 5Page - Sipex Corporation SPX29302A Datasheet HTML 6Page - Sipex Corporation SPX29302A Datasheet HTML 7Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Date: 5/25/04
SPX29302A 3Amp LDO Low Dropout Voltage Regulator
© Copyright 2004 Sipex Corporation
2
ABSOLUTE MAXIMUM RATINGS
Lead Temperature (soldering, 5 seconds)
................260°C
Storage Temperature Range........................-65°C to +150°C
Operating Junction Temperature Range......-40°C to +125°C
Input Voltage (Note 7) .................................................... 16V
(Note 1) at VIN=VOUT + 1V and IOUT = 10mA, CIN = 6.8µF, COUT = 10µF, Tj = 25°C, unless otherwise specified. The Boldface
applies over the junction temperature range.
SPX29302A
PARAMETER
CONDITIONS
TYP
MIN
MAX
UNITS
Line Regulation
IOUT=10mA,(VOUT+1V) ≤ VIN ≤ 16V
0.06
0.5
%
Load Regulation
VIN=VOUT+5V, 10mA≤ IOUT ≤ IFL (Note 2)
0.2
1
%
∆V/∆TVOUT Temp Coefficient (Note 6)
20
100
ppm/
°C
Dropout Voltage, except
IOUT=100mA
50
175
mV
1.8V, (Note 3)
IOUT=1.5A
250
IOUT=3.0A
370
600
Ground Current
IOUT=1.5A, VIN=VOUT+1V
10
35
mA
(Note 5)
IOUT=3.0A
37
Ground Pin Current
VIN=0.5V less than specified VOUT,
1.7
mA
at Dropout
IOUT=10mA
Current Limit
VOUT=0V (Note 4)
4.0
5.0
A
Output Noise Voltage
CL=10µF
400
µVRMS
(10Hz to 100kHz)
IL=100mA
CL=33µF
260
Reference Voltage
1.240
1.228
1.252
VMAX
1.215
1.265
Reference Voltage
(Note 8)
1.203
1.277
V
Adjust Pin Bias Current
40
80
nA
120
Reference Voltage
(Note 7)
20
ppm/
°C
Temp. Coeff.
Adjust Pin Bias
0.1
nA/
°C
Current Temp. Coeff.
ENABLE Input
∆Input Logic Voltage
Low (OFF)
VIN<10V
0.8
V
High (ON)
2.4
ENABLE Input Pin
VEN=16V
100
600
µA
750
VEN=0.8V
1
µA
2
Regulator Output
(Note 10)
10
500
µA
Current in Shutdown
Thermal Resistance
TO-220 Junction to Case, at Tab
2
°C/W
TO-220 Junction to Ambient
60
TO-263 Junction to Case, at Tab
2
TO-263 Junction to Ambient
60
NOTES:
Note 1: Maximum positive supply voltage of 20V must be of limited duration (<100msecond) < 1% and duty cycle of less than 1%. The maximum continuous
supply voltage is 16V.
Note 2: Full load current (IFL) is defined as 3.0A.
Note 3: Dropout voltage is defined as the input to output differential when the output voltage drops to 99% of its nominal value.
Note 4: VIN = VOUT (NOMINAL) +1V. For example, use VIN = 4.3V for a 3.3V regulator. Employ pulse-testing procedures to minimize temperature rise.
Note 5: Ground pin current is the regulator quiescent current. The total current drawn from the source is the sum of the load current to the ground current.
Note 6: Output voltage temperature coefficient is defined as the worst case voltage change divided by the total temperature range
Note 7: Thermal regulation is defined as the change in output voltage at time T after a change in power dissipation is applied, excluding load / line regulation effects.
Specifications for a 200mA load pulse as VIN = 16V (a 4W pulse) for t = 10ms.
Note 8: VREF≤ VOUT ≤ (VIN-1), 2.3V≤VIN ≤ 16V, 10mA ≤ IL ≤ IFL, Tj ≤ Tjmax.
Note 9: Comparator threshold is expressed in terms of a voltage differential at the Adjust terminal below the nominal reference voltage measured 6V input. To
express these thresholds in terms of output voltage change, multiply the error amplifier gain = VOUT/VREF = (R1 + R2)/R2. For example, at a programmable
output voltage of 5V, the Error output is guaranteed to go low when the output drops by 95mVx 5V/ 1.240V = 38mV. Threshold remain constant as a percent of
VOUT as VOUT is varied, with the dropout warning occurring at typically 5% below nominal, 7.7% guaranteed.
Note 10: VEN ≤ 0.8V and VIN ≤ 16V, VOUT = 0.
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com