Electronic Components Datasheet Search
  English  ▼

X  

SPX2941 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SPX2941
Description  1A Low Dropout Voltage Regulator, Adjustable Output, Fast Response
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2941 Datasheet(HTML) 2 Page - Sipex Corporation

  SPX2941 Datasheet HTML 1Page - Sipex Corporation SPX2941 Datasheet HTML 2Page - Sipex Corporation SPX2941 Datasheet HTML 3Page - Sipex Corporation SPX2941 Datasheet HTML 4Page - Sipex Corporation SPX2941 Datasheet HTML 5Page - Sipex Corporation SPX2941 Datasheet HTML 6Page - Sipex Corporation SPX2941 Datasheet HTML 7Page - Sipex Corporation SPX2941 Datasheet HTML 8Page - Sipex Corporation SPX2941 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Date: 08/25/04
SPX2941 1A Low Dropout Voltage Regulator
© Copyright 2004 Sipex Corporation
2
ABSOLUTE MAXIMUM RATINGS
Lead Temperature (soldering, 5 seconds)
................260°C
Storage Temperature Range........................-65°C to +150°C
PARAMETER
CONDITIONS
MIN.
TYP.
MAX
UNIT
Reference Voltage
Adjustable version only
1.228
1.240
1.252
V
1.215
1.265
Adjust Pin Bias Current
40
80
V
120
Reference Voltage
(NOTE 4)
20
ppm/°C
Temperature Coefficient
Adjust Pin Bias Current
0.1
nA/°C
Temperature Coefficient
Line Regulation
I
OUT=10mA, (VOUT+1V)≤VIN≤16V
0.2
1.0
%
Load Regulation
V
IN=VOUT+1V, 10mA≤IOUT≤IFULL
0.3
1.5
%
Dropout Voltage (Note1)
I
OUT=100mA
70
200
mV
(except 1.8V version)
I
OUT=1A
280
550
Ground Current (Note3)
I
OUT=750mA, VIN=VOUT+1V
12
25
mA
I
OUT=1A
18
Ground Pin Current at
V
IN=0.1V less than specified VOUT,
1.2
mA
Dropout
I
OUT=10mA
Current Limit
V
OUT=0V (Note2)
1.5
2.2
A
Output Noise Voltage
10Hz to 100kHz, I
OUT =100mA,
C
L=10µF
400
µVRMS
C
L=33µF
260
ERROR COMPARATOR (FLAG OUTPUT)
Output Leakage Current
V
OH=16V
0.1
1
A
2
Output Low Voltage
Device set for 5V,
200
300
mV
V
IN=4.5, IOL=250µA
400
Upper Threshold Voltage
Device set for 5V (Note 5)
40
60
mV
25
Lower Threshold Voltage
Device set for 5V (Note 5)
75
95
mV
140
Hysteresis
Device set for 5V (Note 5)
15
mV
Input Logic Voltage
LOW (OFF)
V
IN<10V
0.8
V
HIGH (ON)
2.4
ENABLE Input Pin Current
V
EN=16V
100
600
µA
750
V
EN=0.8V
1
µA
2
Regulator Output Current
(NOTE 6)
10
µA
in Shutdown
500
Thermal Resistance
TO-220
Junction to Case, at Tab
3
°C/W
Junction to Ambient
60
TO-263
Junction to Case, at Tab
3
°C/W
Junction to Ambient
60
V
IN=VOUT + 1V, IOUT=10mA, CIN=6.8µF, COUT=10µF, TA = 25°C, unless otherwis specified. The boldface applies over the
junction temperature range. Adjustable versions are set at +5.0V.
Operating Junction Temperature Range......-40°C to +125°C
Input Supply Voltage (NOTE 7) .... .....................................16V
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com