Electronic Components Datasheet Search
  English  ▼

X  

SPX2945 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SPX2945
Description  400mA Low Dropout Voltage Regulator with Shutdown
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2945 Datasheet(HTML) 2 Page - Sipex Corporation

  SPX2945 Datasheet HTML 1Page - Sipex Corporation SPX2945 Datasheet HTML 2Page - Sipex Corporation SPX2945 Datasheet HTML 3Page - Sipex Corporation SPX2945 Datasheet HTML 4Page - Sipex Corporation SPX2945 Datasheet HTML 5Page - Sipex Corporation SPX2945 Datasheet HTML 6Page - Sipex Corporation SPX2945 Datasheet HTML 7Page - Sipex Corporation SPX2945 Datasheet HTML 8Page - Sipex Corporation SPX2945 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
Rev. B Date:01/20/04
SPX2945 400mA Low Dropout Voltage Regulator with Shutdown
©Copyright 2004 Sipex Corporation
ELECTRICAL CHARACTERISTICS
Electrical characteristics at VIN = VO+1V, IO = 1mA, COUT = 2.2µF, TA = 25°C, unless otherwise specified. The ♦ denotes
the specifications wich apply over full operating tempeture range -40
°C to +85°C, unless noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
(Note 2)
3.3V Version
Output Voltage
3.267
3.3
3.333
V
1mA ≤ IL ≤ 400mA
3.217
3.3
3.382
♦
5.0V Version
Output Voltage
4.950
5.0
5.050
V
1mA ≤ IL ≤ 400mA
4.880
5.0
5.120
♦
All Voltage Options
Output Voltage
20
100
♦
ppm/°C
Temperature Coefficient
(Note1)
Line Regulation (Note 3)
6V ≤ VIN ≤ 20V (Note 4)
1.5
20
♦
mV
Load Regulation (Note 3)
IL=1 to 400mA
6
20
mV
30
♦
Dropout Voltage (Note5)
IL=1mA
60
100
mV
150
♦
IL=400mA
360
450
700
♦
Ground Current
IL=1mA
100
200
µA
300
♦
IL=150mA
2
4
mA
6
♦
IL=300mA
4
8
12
♦
IL=400mA
8
15
25
♦
Current Limit
VOUT=0
330
800
♦
mA
Thermal Regulation
0.05
0.2
%/W
Output Noise, 10Hz to 100kHz,
CL=2.2µF
400
µVRMS
IL=100mA
CL=33µF
260
PSRR at 100KHz
31
dB
IL=100mA
CL=10µF
Adjustable 8 Pin Version only
Reference Voltage
1.210
1.235
1.260
V
Reference Voltage
Over Temperature
1.185
1.285
V
Feedback Pin Bias Current
20
40
nA
60
♦
Reference Voltage Temp.
20
ppm/°C
Coefficient
Power Dissipation ........................................................ Internally Limited
Lead Temp. (Soldering, 5 Seconds) ............................................. 260°C
Storage Temperature Range ........................................ -65°C to +150°C
Operating Junction Temperature Range ....................... -40°C to +125°C
Input Supply Voltage ......................................................... -20V to +26V
ABSOLUTE MAXIMUM RATINGS
Feedback Input Voltage ................................................ -1.5V to +26V
Shutdown Input Voltage ................................................ -0.3V to +26V
Error Comparator Output .............................................. -0.3V to +26V
ESD Rating ............................................................................ 2kV Min



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com