Electronic Components Datasheet Search
  English  ▼

X  

MABA-011002 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MABA-011002
Description  4:1 Step Down Balun Transformer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MABA-011002 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MABA-011002 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MABA-011002 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MABA-011002 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MABA-011002 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
4:1 Step Down Balun Transformer
5 – 200 MHz
Rev. V2
MABA-011002
2
22
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macomtech.com for additional data sheets and product information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Electrical Specifications: TA = 25°C, Z0 = 75 Ω, Pin = 0dBm
Recommended Maximum Ratings
Insertion Loss 1
(pin6-pin1)
5 - 50 MHz
50 - 150 MHz
150 - 200 MHz
dB
dB
dB
-
-
-
0.4
1.0
2.0
0.8
2.2
3.1
Insertion Loss 2
(pin6-pin3)
5 - 50 MHz
50 - 150 MHz
150 - 200 MHz
dB
dB
dB
-
-
-
0.4
1.1
2.4
0.8
2.5
3.6
Amplitude Balance
5 - 50 MHz
50 - 150 MHz
150 - 200 MHz
dB
dB
dB
-
-
-
0.0
0.0
0.3
±0.4
±1.0
±1.4
Phase Balance
5 - 50 MHz
50 - 200 MHz
ͦ
ͦ
-
-
0.6
0.8
±4
±9
Input Return Loss
(pin6)
5 - 25 MHz
25 - 50 MHz
50 - 150 MHz
150 - 200 MHz
dB
dB
dB
dB
17
12
5
3
20
15
9
5
-
-
-
-
Full temperature plots available on request
Input Power
W
1
Internal Load Dissipation
W
0.125
Tested up to DC bias current,
will perform above this level
mA
900
Operating Temperature Range
°C
-40
+85



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com