Electronic Components Datasheet Search
  English  ▼

X  

TLP3103 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TLP3103
Description  Measurement Equipment FA (Factory Automation) Power Line Control Security Systems
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP3103 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TLP3103 Datasheet HTML 1Page - Toshiba Semiconductor TLP3103 Datasheet HTML 2Page - Toshiba Semiconductor TLP3103 Datasheet HTML 3Page - Toshiba Semiconductor TLP3103 Datasheet HTML 4Page - Toshiba Semiconductor TLP3103 Datasheet HTML 5Page - Toshiba Semiconductor TLP3103 Datasheet HTML 6Page - Toshiba Semiconductor TLP3103 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TLP3103
2014-09-01
4
Switching Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Turn-ON time
tON
RL = 200 Ω
⎯
1.0
5.0
ms
Turn-OFF time
tOFF
VDD = 20 V, IF = 5 mA
(Note 2)
⎯
0.15
1.0
Turn-ON time
tON
RL = 200 Ω
⎯
0.5
3.0
Turn-OFF time
tOFF
VDD = 20 V, IF = 10 mA
(Note 2)
⎯
0.15
1.0
Note 2: Switching time test circuit
IF
1
2
6
4
RL
VDD
VOUT
VOUT
IF
tON
tOFF
90%
10%



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com