Electronic Components Datasheet Search
  English  ▼

X  

MUSES8920 Datasheet(PDF) 2 Page - New Japan Radio

Part # MUSES8920
Description  High Quality Audio J-FET Input Dual Operational Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

MUSES8920 Datasheet(HTML) 2 Page - New Japan Radio

  MUSES8920 Datasheet HTML 1Page - New Japan Radio MUSES8920 Datasheet HTML 2Page - New Japan Radio MUSES8920 Datasheet HTML 3Page - New Japan Radio MUSES8920 Datasheet HTML 4Page - New Japan Radio MUSES8920 Datasheet HTML 5Page - New Japan Radio MUSES8920 Datasheet HTML 6Page - New Japan Radio MUSES8920 Datasheet HTML 7Page - New Japan Radio MUSES8920 Datasheet HTML 8Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MUSES8920
- 2 -
Ver.2013-11-25
■ ABSOLUTE MAXIMUM RATING (Ta=25ºC unless otherwise specified)
PARAMETER
SYMBOL
RATING
UNIT
Supply Voltage
V
+/V-
±18
V
Differential Input Voltage Range
VID
±30(Note1)
V
Common Mode Input Voltage Range
VICM
±15(Note1)
V
Power Dissipation
PD
DIP8:870
SOP8:900(Note2)
mW
Operating Temperature Range
Topr
-40~+85
ºC
Storage Temperature Range
Tstg
-50~+150
ºC
(Note1) For supply Voltages less than ±15 V, the maximum input voltage is equal to the Supply Voltage.
(Note2) Mounted on the EIA/JEDEC standard board (114.3×76.2×1.6mm, two layer, FR-4).
(Note3) NJM8920 is ESD (electrostatic discharge) sensitive device.
Therefore, proper ESD precautions are recommended to avoid permanent damage or loss of functionality.
■ RECOMMENDED OPERATING VOLTAGE (Ta=25ºC)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Supply Voltage
V
+/V-
±3.5
-
±16
V
■ ELECTRICAL CHARACTERISTICS
● DC CHARACTERISTICS (V
+/V-=±15V, Ta=25ºC, Vcm=0V unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Supply Current
Icc
RL=∞, No Signal
-
9
12
mA
Input Offset Voltage
VIO
RS=50Ω
(
-
0.8
5
mV
Input Bias Current
IB
(Note4)
-
5
250
pA
Input Offset Current
IIO
(Note4)
-
2
220
pA
Voltage Gain1
AV1
RL=10kΩ, Vo=±13V
106
135
-
dB
Voltage Gain2
AV2
RL=2kΩ, Vo=±12.8V
105
133
-
dB
Voltage Gain3
AV3
RL=600Ω, Vo=12.5V
105
130
-
dB
Common Mode Rejection Ratio
CMR VICM=±12.5V
(Note5)
80
110
-
dB
Supply Voltage Rejection Ratio
SVR V
+/V-=±3.5 to ±16V
80
110
-
dB
Maximum Output Voltage1
VOM1 RL=10kΩ
±13
±14
-
V
Maximum Output Voltage2
VOM2 RL=2kΩ
±12.8
±13.8
-
V
Maximum Output Voltage3
VOM3 RL=600Ω
±12.5
±13.5
-
V
Common Mode Input Voltage Range
VICM
CMR≥80dB
±12.5
±14
-
V
(Note4) Written by absolute ratio.
(Note5) CMR is calculated by specified change in offset voltage. (VICM=0V to +12.5V, VICM=0V to -12.5V)
● AC CHARACTERISTICS (V
+/V-=±15V, Ta=25ºC, Vcm=0V unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Gain Bandwidth Product
GB
f=10kHz
-
11
-
MHz
Unity Gain Frequency
fT
AV=+100, RS=100Ω, RL=2kΩ, CL=10pF
-
10
-
MHz
Phase Margin
ΦM
AV=+100, RS=100Ω, RL=2kΩ, CL=10pF
-
70
-
Deg
Equivalent Input Noise Voltage1
VNI1
f=1kHz
-
8
-
nV/√Hz
Equivalent Input Noise Voltage2
VNI2
RIAA, RS=2.2kΩ, 30kHz, LPF
-
1.1
3.5
µVrms
Total Harmonic Distortion
THD f=1kHz , AV=+10, Vo=5Vrms, RL=2kΩ
-
0.0004
-
%
Channel Separation
CS
f=1kHz , AV=-100, RL=2kΩ
-
150
-
dB
Slew Rate
SR
AV=1, VIN=2Vp-p, RL=2kΩ, CL=10pF
-
25
-
V/us



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com