Electronic Components Datasheet Search
  English  ▼

X  

TLP3303 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLP3303
Description  Normally off (1-Form-A)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP3303 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLP3303 Datasheet HTML 1Page - Toshiba Semiconductor TLP3303 Datasheet HTML 2Page - Toshiba Semiconductor TLP3303 Datasheet HTML 3Page - Toshiba Semiconductor TLP3303 Datasheet HTML 4Page - Toshiba Semiconductor TLP3303 Datasheet HTML 5Page - Toshiba Semiconductor TLP3303 Datasheet HTML 6Page - Toshiba Semiconductor TLP3303 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TLP3303
3
8.
8.
8.
8. Electrical Characteristics (Unless otherwise specified, T
Electrical Characteristics (Unless otherwise specified, T
Electrical Characteristics (Unless otherwise specified, T
Electrical Characteristics (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25
))))
LED
Detector
Characteristics
Input forward voltage
Input reverse current
Input capacitance
OFF-state current
Output capacitance
Symbol
VF
IR
Ct
IOFF
COFF
Note
Test Condition
IF = 10 mA
VR = 5 V
V = 0 V, f = 1 MHz
VOFF = 20 V
V = 0 V, f = 100 MHz, t < 1s
Min
1.0
Typ.
1.15
15
40
Max
1.3
10
1
Unit
V
µA
pF
nA
pF
9.
9.
9.
9. Coupled Electrical Characteristics (Unless otherwise specified, T
Coupled Electrical Characteristics (Unless otherwise specified, T
Coupled Electrical Characteristics (Unless otherwise specified, T
Coupled Electrical Characteristics (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25
))))
Characteristics
Trigger LED current
Return LED current
ON-state resistance
Symbol
IFT
IFC
RON
Note
Test Condition
ION = 100 mA
IOFF = 10 µA
ION = 900 mA, IF = 5 mA, t < 1 s
Min
0.1
Typ.
0.6
0.18
Max
3
0.22
Unit
mA
mA
Ω
10.
10.
10.
10. Isolation Characteristics (Unless otherwise specified, T
Isolation Characteristics (Unless otherwise specified, T
Isolation Characteristics (Unless otherwise specified, T
Isolation Characteristics (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25
))))
Characteristics
Total capacitance (input to output)
Isolation resistance
Isolation voltage
Symbol
CS
RS
BVS
Note
(Note 1)
(Note 1)
Test Condition
VS = 0 V, f = 1 MHz
VS = 500 V, R.H. ≤ 60%
AC, 1 min
AC, 1s in oil
DC, 1 min, in oil
Min
5×1010
500
Typ.
0.4
1014
1000
1000
Max
Unit
pF
Ω
Vrms
Vdc
Note 1: This device is considered as a two-terminal device: Pins 1 and 2 are shorted together, and pins 3 and 4 are
shorted together.
11.
11.
11.
11. Switching Characteristics (Unless otherwise specified, T
Switching Characteristics (Unless otherwise specified, T
Switching Characteristics (Unless otherwise specified, T
Switching Characteristics (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25
))))
Characteristics
Turn-on time
Turn-off time
Symbol
tON
tOFF
Note
Test Condition
See Fig. 11.1
RL = 200 Ω, VDD = 10 V, IF = 5 mA
Min
Typ
0.5
0.1
Max
2
1
Unit
ms
Fig.
Fig.
Fig.
Fig. 11.1
11.1
11.1
11.1 Switching Time Test Circuit
Switching Time Test Circuit
Switching Time Test Circuit
Switching Time Test Circuit
2012-04-05
Rev.2.0



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com