Electronic Components Datasheet Search
  English  ▼

X  

TLP3306 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP3306
Description  Normally open (1-Form-A)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP3306 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP3306 Datasheet HTML 1Page - Toshiba Semiconductor TLP3306 Datasheet HTML 2Page - Toshiba Semiconductor TLP3306 Datasheet HTML 3Page - Toshiba Semiconductor TLP3306 Datasheet HTML 4Page - Toshiba Semiconductor TLP3306 Datasheet HTML 5Page - Toshiba Semiconductor TLP3306 Datasheet HTML 6Page - Toshiba Semiconductor TLP3306 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TLP3306
1
Photocouplers Photorelay
TLP3306
TLP3306
TLP3306
TLP3306
1.
1.
1.
1. Applications
Applications
Applications
Applications
•
High-Speed Memory Testers
•
High-Speed Logic IC Testers
•
Medical instruments
•
Power supplies
2.
2.
2.
2. General
General
General
General
The TLP3306 is a photorelay in a 4-pin USOP that consists of a photo MOSFET optically coupled with an infrared
light emitting diode. Even though the TLP3306 photorelay is housed in a tiny USOP package, it offers low on-
resistance and high isolation voltage. The ability to switch high-current loads reliably makes it suitable for space-
limited switching applications.
3.
3.
3.
3. Features
Features
Features
Features
(1)
Normally open (1-Form-A)
(2)
OFF-state output terminal voltage: 75 V (min)
(3)
Trigger LED current: 3 mA (max)
(4)
ON-state current: 400 mA (max)
(5)
ON-state resistance: 1.0 Ω (typ.), 1.5 Ω (max)
(6)
OFF-state Capacitance: 30 pF (typ.)
(7)
Isolation voltage: 500 Vrms (min)
(8)
Safety standards
UL-approved: UL1577 File No.E67349
4.
4.
4.
4. Packaging and Pin Configuration
Packaging and Pin Configuration
Packaging and Pin Configuration
Packaging and Pin Configuration
11-2C1S
1: Anode
2: Cathode
3: Drain
4: Drain
2013-02-07
Rev.2.0


Similar Part No. - TLP3306

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP330 TOSHIBA-TLP330 Datasheet
163Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
25-Sep-2002
TLP330 TOSHIBA-TLP330 Datasheet
175Kb / 6P
GaAs Ired & Photo−Transistor
TLP3303 TOSHIBA-TLP3303 Datasheet
174Kb / 7P
Normally off (1-Form-A)
TLP330 TOSHIBA-TLP330_07 Datasheet
175Kb / 6P
GaAs Ired & Photo−Transistor
More results

Similar Description - TLP3306

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3315 TOSHIBA-TLP3315 Datasheet
200Kb / 7P
Normally open (1-Form-A)
TLP3319 TOSHIBA-TLP3319 Datasheet
202Kb / 7P
Normally open (1-Form-A)
TLP220D TOSHIBA-TLP220D Datasheet
169Kb / 8P
Normally open (1-Form-A)
TLP220G TOSHIBA-TLP220G Datasheet
166Kb / 8P
Normally open (1-Form-A)
logo
Vishay Siliconix
LH1546AE VISHAY-LH1546AE Datasheet
146Kb / 9P
1 Form A Solid-State Relay (Normally Open)
29-Sep-2020
LH1546ADF VISHAY-LH1546ADF_V01 Datasheet
200Kb / 9P
1 Form A Solid-State Relay (Normally Open)
05-Jul-2018
LH1518AAB VISHAY-LH1518AAB_V01 Datasheet
196Kb / 10P
1 Form A Solid-State Relay (Normally Open)
05-Jul-2018
LH1500AT VISHAY-LH1500AT_V01 Datasheet
155Kb / 9P
1 Form A Solid-State Relay (Normally Open)
05-Jul-2018
LH1525AT VISHAY-LH1525AT_V02 Datasheet
169Kb / 9P
1 Form A Solid-State Relay (Normally Open)
07-Jul-2020
LH1540AAB VISHAY-LH1540AAB_V02 Datasheet
205Kb / 10P
1 Form A Solid-State Relay (Normally Open)
05-Jul-2018
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com