Electronic Components Datasheet Search
  English  ▼

X  

LS6511 Datasheet(PDF) 4 Page - LSI Computer Systems

Part # LS6511
Description  PIR SENSOR INTERFACE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS6511 Datasheet(HTML) 4 Page - LSI Computer Systems

  LS6511_06 Datasheet HTML 1Page - LSI Computer Systems LS6511_06 Datasheet HTML 2Page - LSI Computer Systems LS6511_06 Datasheet HTML 3Page - LSI Computer Systems LS6511_06 Datasheet HTML 4Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
6511-090606-4
R1 = 1k
Ω
R6 = 36k
Ω
C1 = 100µF
C6 = 10µF
R2 = 1.5M
Ω
R7 = 36k
Ω
C2 = 0.003µF
C7 = 0.01µF
R3 = 36k
Ω
R8 = 36k
Ω
C3 = 10µF
C8 = 0.1µF
R4 = 1.5M
Ω
R9 = 5.6M
Ω
C4 = 0.003µF
C9 = 0.1µF
R5 = 36k
Ω
R10 = 2.4M
Ω
C5 = 10µF
C10 = 0.1µF
PIRs = Perkin-Elmer LHi 954, 958, 978, 874 or 878; Nicera RE200B, SDA02-54 (Typical)
All Resistors 1/4 W. All Capacitors 10V.
NOTES: 1) A pair of PIR Sensors may be used in applications where a wider optical field of view is needed.
2) External 5V Regulator drives the LS6511 and PIR sensor.
FIGURE 4. DIFFERENTIAL INTERFACE TO PIR SENSOR PAIR
AMP 1
OUT
AMP 1
(-) IN
AMP 2
(-) IN
AMP 1
(+) IN
AMP 2
OUT
5V REG
OUT
C3
R3
C4
R4
1
2
3
12
13
14
R8
C9
R1
C1
PIR
SENSOR 1
R2
C2
LS6511
R7
C8
R10
R9
C7
R6
C6
R5
C5
PIR
SENSOR 2
+
-
+
-
+
-
+
-
V DD
5V
C10
+
-
11
AMP
AMP
COMP
COMP
DIFF AMP 2
OUTPUT
DIFF AMP 2
INPUT (-)
DIFF AMP 1
OUTPUT
DIFF AMP 1
INPUT (-)
DIFF AMP 1
INPUT (+)
SHUNT
REGULATOR
PROGRAMMABLE
RETRIGGERABLE
ONE-SHOT
OUTPUT
DURATION
TIMER
VDD
WINDOW
TIMER
5 V REGULATOR
OUTPUT
LED/RELAY
OUTPUT
DRIVER
M
U
X
WINDOW
COMPARATOR
DIGITAL
FILTER
VDD
VSS
DIGITAL
FILTER
PROGRAMMABLE
RETRIGGERABLE
ONE-SHOT
LED/RELAY
OUTPUT
DRIVER
DIGITAL FILTER RC
MODE
SELECT
DURATION
TIMER RC
(+V)
(- V)
UNDERVOLTAGE
DETECTOR
3
2
1
14
13
11
10
12
6
7
9
8
4
-
+
-
+
+
-
+
-
5
CONCURRENT PULSE/
DUAL PULSE RC
FIGURE 5. LS6511 BLOCK DIAGRAM



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com