Electronic Components Datasheet Search
  English  ▼

X  

9328 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 9328
Description  Dual 8-Bit Shift Register
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

9328 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  9328 Datasheet HTML 1Page - National Semiconductor (TI) 9328 Datasheet HTML 2Page - National Semiconductor (TI) 9328 Datasheet HTML 3Page - National Semiconductor (TI) 9328 Datasheet HTML 4Page - National Semiconductor (TI) 9328 Datasheet HTML 5Page - National Semiconductor (TI) 9328 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF9793
June 1989
9328DM9328 Dual 8-Bit Shift Register
General Description
The ’9328 is a high speed serial storage element providing
16 bits of storage in the form of two 8-bit registers The
multifunctional capability of this device is provided by sever-
al features 1) additional gating is provided at the input to
both shift registers so that the input is easily multiplexed
between two sources 2) the clock of each register may be
provided separately or together 3) both the true and com-
plementary outputs are provided from each 8-bit register
and both registers may be master cleared from a common
input
Connection Diagram
Dual-In-Line Package
TLF9793 – 1
Order Number 9328DMQB 9328FMQB or DM9328N
See NS Package Number J16A N16E or W16A
Logic Symbol
TLF9793 – 2
VCC e Pin 16
GND e Pin 8
Pin Names
Description
S
Data Select Input
D0 D1
Data Inputs
CP
Clock Pulse Input (Active HIGH)
Common (Pin 9)
Separate (Pins 7 and 10)
MR
Master Reset Input (Active LOW)
Q7
Last Stage Output
Q7
Complementary Output
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - 9328

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9328 ETC2-9328 Datasheet
1Mb / 22P
300V Power-Limited Tray Cables ??Overview
logo
Belden Inc.
9328 BELDEN-9328 Datasheet
155Kb / 2P
High Perform Instr, 2 Pr #22 Str TC, PVC Ins E2, IS, PVC Jkt, PLTC
04-14-2023
logo
Keystone Electronics Co...
9328 KEYSTONE-9328 Datasheet
130Kb / 1P
MACHINE SCREW PAN PHILLIPS 10-32
9328 KEYSTONE-9328 Datasheet
310Kb / 1P
MALE/FEMALE THREADED STANDOFFS
logo
Belden Inc.
9328-0601000 BELDEN-9328-0601000 Datasheet
155Kb / 2P
High Perform Instr, 2 Pr #22 Str TC, PVC Ins E2, IS, PVC Jkt, PLTC
04-14-2023
More results

Similar Description - 9328

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
93L28 NSC-93L28 Datasheet
107Kb / 6P
Dual 8-Bit Shift Register
logo
ON Semiconductor
MC10E141 ONSEMI-MC10E141 Datasheet
111Kb / 4P
8-BIT SHIFT REGISTER
1996 REV 3
logo
Fairchild Semiconductor
DM9328 FAIRCHILD-DM9328 Datasheet
48Kb / 5P
Dual 8-Bit Shift Register
DM93L28 FAIRCHILD-DM93L28 Datasheet
41Kb / 5P
Dual 8-Bit Shift Register
logo
Hitachi Semiconductor
HD74AC166 HITACHI-HD74AC166 Datasheet
65Kb / 11P
8-bit Shift Register
logo
List of Unclassifed Man...
8277 ETC1-8277 Datasheet
103Kb / 2P
DUAL 8-BIT SHIFT REGISTER
logo
Micrel Semiconductor
SY10E141 MICREL-SY10E141_06 Datasheet
63Kb / 4P
8-BIT SHIFT REGISTER
logo
Renesas Technology Corp
HD74HC95 RENESAS-HD74HC95 Datasheet
90Kb / 7P
8-bit Shift Register
logo
Micrel Semiconductor
SY100S341 MICREL-SY100S341_07 Datasheet
89Kb / 6P
8-BIT SHIFT REGISTER
logo
Diodes Incorporated
74AHCT595 DIODES-74AHCT595 Datasheet
255Kb / 10P
8-BIT SHIFT REGISTER 8-BIT OUTPUT REGISTER
Rev 3
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com