Electronic Components Datasheet Search
  English  ▼

X  

LS6525 Datasheet(PDF) 3 Page - LSI Computer Systems

Part # LS6525
Description  BATTERY POWERED LOW-POWER PIR SENSOR INTERFACE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS6525 Datasheet(HTML) 3 Page - LSI Computer Systems

  LS6525_15 Datasheet HTML 1Page - LSI Computer Systems LS6525_15 Datasheet HTML 2Page - LSI Computer Systems LS6525_15 Datasheet HTML 3Page - LSI Computer Systems LS6525_15 Datasheet HTML 4Page - LSI Computer Systems LS6525_15 Datasheet HTML 5Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
 
6525-030713-3
ABSOLUTE MAXIMUM RATINGS:
PARAMETER
SYMBOL
VALUE
UNIT
DC Supply Voltage
VDD
+7
V
Input Voltage
VIN
VSS - 0.3 to VDD + 0.3
V
Operating Temperature
TA
-40 to +70
°C
Storage Temperature
TSTG
-65 to +150
°C
ELECTRICAL CHARACTERISTICS:
(All voltages referenced to VSS, TA = 25
°C, VDD = 2.3V - 3.6V, unless otherwise specified.)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
CONDITIONS
SUPPLY CURRENT:
VDD = 2.3V – 3.6V
IDD
-
-
25
μA
LS6525, No Load@VREG
IDD
30
μA
LS6526, No Load@VREG
REGULATOR:
Voltage
VR
2.13
2.175
2.22
V
Source Current Capability
IR
-
-
25
μA
AMPLIFIERS:
PIR Amplifier
Gain
GP
28
29.5
32
V/V
Vi/p 1mVP-P, 10Hz
RL = No Load to 3M
Ω
Input Impedance
RP
2
M
Ω
MCU amplifier / AMP2
Open Loop Gain
GM
70
dB
MCO Output Quiescent Voltage
VQ
0.48
0.5
0.52
V
AMP2 Internal Reference
VIR
1.1
V
Window -Comparator amplifier
Input Sensitivity to INT Output
VS
120
μVP
AMP1 and AMP2 cascaded for
net gain = 675V/V
Comparator
VLO, THRESHOLD
1.02
V
VHI, THRESHOLD
1.18
V
INT Output
VOL, INT
0.1
V
RPULL-UP = 2M
Ω, VPULL-UP = 3.6V
VPULL-UP
5.5
V
Lobat
Trip Voltage
VTRIP
2.45
V
Hysteresis
Hys
0.1
V
VOL, LOBAT
0.1
V
RPULL-UP = 2M
Ω, VPULL-UP = 3.6V
VPULL-UP
5.5
V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com