Electronic Components Datasheet Search
  English  ▼

X  

LS7082N Datasheet(PDF) 4 Page - LSI Computer Systems

Part # LS7082N
Description  QUADRATURE CLOCK CONVERTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7082N Datasheet(HTML) 4 Page - LSI Computer Systems

  LS7082N Datasheet HTML 1Page - LSI Computer Systems LS7082N Datasheet HTML 2Page - LSI Computer Systems LS7082N Datasheet HTML 3Page - LSI Computer Systems LS7082N Datasheet HTML 4Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Figure 4. Tow vs RBIAS , k
VDD=5V
VDD=9V
VDD=10.0V
100
200
300
400
500
250
500
750
1000
1250
1500
NOTE : Vertical axis is output clock pulse width, Tow, ns
ENCODER
A CLOCK
B CLOCK
INDEX
5
9
2
13
12
14
8
10
1
3
4
RB
UPCK
DNCK
RESET
x2
x4/x1
V DD
A
B
RBIAS
V SS
UPCK
DNCK
INDX
FIGURE 6. A TYPICAL APPLICATION IN x4 MODE
V SS
V DD
LS7082N
5
4
14
16
8
+V
40193
+V
INDX
VDD=5V
VDD=9V
VDD=10.0V
25
30
20
15
10
5
2
4
6
8
10
12
Figure 5. Tow vs RBIAS , M
NOTE : Vertical axis is output clock pulse width, Tow, µs
The information included herein is believed to be
accurate and reliable. However, LSI Computer Systems,
Inc. assumes no responsibilities for inaccuracies, nor for
any infringements of patent rights of others which may
result from its use.
7082N-012703-4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com