Electronic Components Datasheet Search
  English  ▼

X  

SPX385-2.5 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SPX385-2.5
Description  Micropower Voltage Reference
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX385-2.5 Datasheet(HTML) 2 Page - Sipex Corporation

  SPX385-2.5 Datasheet HTML 1Page - Sipex Corporation SPX385-2.5 Datasheet HTML 2Page - Sipex Corporation SPX385-2.5 Datasheet HTML 3Page - Sipex Corporation SPX385-2.5 Datasheet HTML 4Page - Sipex Corporation SPX385-2.5 Datasheet HTML 5Page - Sipex Corporation SPX385-2.5 Datasheet HTML 6Page - Sipex Corporation SPX385-2.5 Datasheet HTML 7Page - Sipex Corporation SPX385-2.5 Datasheet HTML 8Page - Sipex Corporation SPX385-2.5 Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Date:05/21/04
SPX385-2.5 Micropower Voltage Reference
© Copyright 2004 Sipex Corporation
2
SPX385A-2.5
SPX385-2.5
PARAMETER
CONDITIONS
MIN.
TYP.
MAX
MIN.
TYP.
MAX.
UNIT
Reference Voltage
2.475 2.500
2.525
2.450
2.500
2.550
V
Dynamic Output
F = 20Hz
0.6
1.0
0.6
1.0
Ω
Impedance
I
R = 100µA
Reference Voltage
20µA ≤ I
R ≤ 20mA
10
20
10
20
mV
Change with I
R.
Temperature Coefficient
Note 1
60
100
60
100
ppm/°C
Minimum Operating Current
15
20
15
20
µA
Output Wideband Noise
10Hz ≤ f ≤ 10kHz
120
120
µVrms
Long Term Stability
T=1000Hr;
60
60
ppm
T
A = 25°C ±0.1°C
Operating Temperature
-40
+85
-40
+85
°C
Stresses greater than those listed under ABSOLUTE MAXIMUM RAT-
INGS may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions
above those indicated in the operational sections of this specification is not
implied. Exposure to absolute maximum rating conditions for extended
periods may affect reliability.
Reverse Current (I
KA) ............................................................. 30mA
Forward Current (I
AK) ............................................................. 10mA
Operating Temperature Range (T
A) ............................ -40 to +85°C
Junction Temperature (T
J) ..................................................... 150°C
Storage Temperature (T
STG) ....................................... - 65 to 150°C
Lead Temperature (Soldering 10 sec.), T
L ............................. 300°C
I
IN = 100µA, TA = 25°C, unless otherwise specified.
*CALCULATING AVERAGE TEMPERATURE COEFFICIENT (TC)
D
DVKA
015
304560
7590
105
-10
0.5
5000
0
00
0.07 mV/°C
0.003 %/°C
27 ppm/°C
TC in mV/°C=
TC in % /°C=
DVKA (mV)
DT
A
DT
A
DVKA at 25°C
DVKA
x 100
()
TC in ppm/°C=
DT
A
DVKA at 25°C
DVKA
x106
()
ppm
%
mV
Junction Temperature (°C)
Figure 2. V
KA vs. Temperature
Note 1. Three-point measurement guarantees the error band over the specified temperature range.
ABSOLUTE MAXIMUM RATINGS
TYPICAL THERMAL RESISTANCES
PACKAGE
0
JA
0
JC
TYPICAL DERATING
TO-92
160°C/W 80°C/W
6.3 mW/°C
SOT-23
575°C/W 150°C/W
1.7 mW/°C
SOIC-8
175°C/W 45°C/W
5.7 mW/°C
SOT-89
110°C/W
8°C/W
9.1 mW/°C
Typical deratings of the thermal resistances are
given for ambient temperature >25°.
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com