Electronic Components Datasheet Search
  English  ▼

X  

LS7222 Datasheet(PDF) 3 Page - LSI Computer Systems

Part # LS7222
Description  KEYPAD PROGRAMMABLE DIGITAL LOCK
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7222 Datasheet(HTML) 3 Page - LSI Computer Systems

  LS7222_03 Datasheet HTML 1Page - LSI Computer Systems LS7222_03 Datasheet HTML 2Page - LSI Computer Systems LS7222_03 Datasheet HTML 3Page - LSI Computer Systems LS7222_03 Datasheet HTML 4Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Quiescent supply current: (100pF capacitor to Vss and 1.5M
Ω resistor to VDD, connected to the RC-OSC input)
SYMBOL
VDD
MAX
UNIT
IDD
5V
15
µA
IDD
9V
25
µA
IDD
12V
30
µA
MAXIMUM RATINGS: (Voltages references to VSS)
RATING
SYMBOL
VALUE
UNIT
DC supply voltage
VDD
+4 to +18
V
Operating temperature range
TA
-25 to +70
°C
Storage temperature
TSTG
-65 to +150
°C
DC Electrical Characteristics:
(Vss = 0V, VDD = +4V to +15V, = 25°C
≤ TA ≤ +70°C unless otherwise specified)
PARAMETER
CONDITIONS
VDD
MIN
TYP
MAX
UNIT
Output source current
Logic 1 Output
5V
1.50
2.50
-
mA
Lock Display, Arm, Disarm
VOUT
≥ VDD - 2V
12V
5.60
8.25
-
mA
Alarm, Lock
15V
7.25
10.7
-
mA
Program Mode Outputs
Output Sink Current
Logic 0 Output
5V
0.40
0.60
-
mA
Lock Display, Arm, Disarm
VOUT
≤ Vss + 0.4V
12V
1.20
1.70
-
mA
Alarm, Lock
15V
1.50
2.25
-
mA
Program Mode Outputs
Output Source Current
Logic 1 Output
5V
0.25
0.40
-
mA
Tamper Output
VOUT
≥ VDD - 2V
12V
0.90
1.30
-
mA
15V
1.10
1.70
-
mA
Output Sink Current
Logic 0 Output
5V
0.06
0.10
-
mA
Tamper Output
VOUT
≤ Vss + 0.4V
12V
0.20
0.29
-
mA
15V
0.25
0.37
-
mA
Input Level Detection
VIH = Logic 1
5V
3.5
-
VDD
V
All Inputs
12V
8.0
-
VDD
V
15V
10.0
-
VDD
V
VIL = Logic 0
5V
Vss
-
1.6
V
12V
Vss
-
4.0
V
15V
Vss
-
5.0
V
KEYPAD ENTRY TIME vs. CAPACITOR ON CAP-K INPUT
ENTRY TIME IN SECONDS
5.0
4.0
3.0
2.0
1.0
1
0
2
3
4
5
6
7
8
9
10
V
DD
=
9V
VDD
= 12V
FIGURE 3.
LS7222 PULSE WIDTH ON ARM, DISARM AND
TAMPER OUTPUTS vs. CAPACITOR ON CAP-M INPUT
FIGURE 4.
PULSE WIDTH TIME IN SECONDS
10
-6
10
-5
10
-4
10
-3
10
-2
10-1
10
-9
10
-8
10
-7
10
-6
10
-5
10-10
V
DD
=
5V
V
DD
=
9V
7222-012703-3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com