Electronic Components Datasheet Search
  English  ▼

X  

SP1485E Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP1485E
Description  Enhanced Low Power Half-Duplex RS-485 Transceivers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP1485E Datasheet(HTML) 3 Page - Sipex Corporation

  SP1485E Datasheet HTML 1Page - Sipex Corporation SP1485E Datasheet HTML 2Page - Sipex Corporation SP1485E Datasheet HTML 3Page - Sipex Corporation SP1485E Datasheet HTML 4Page - Sipex Corporation SP1485E Datasheet HTML 5Page - Sipex Corporation SP1485E Datasheet HTML 6Page - Sipex Corporation SP1485E Datasheet HTML 7Page - Sipex Corporation SP1485E Datasheet HTML 8Page - Sipex Corporation SP1485E Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
Rev:C Date: 02/26/04
SP1485E Low Power Half-Duplex RS485 Transceivers
© Copyright 2004 Sipex Corporation
T
MIN to TMAX and VCC = 5V ± 5% unless otherwise noted.
PARAMETERS
MIN.
TYP.
MAX.
UNITS
CONDITIONS
SP1485E RECEIVER
DC Characteristics
Differential Input Threshold
-0.2
+0.2
Volts
-7V ≤ V
CM ≤ +12V
Differential Input Threshold
-0.4
+0.4
Volts
-7V ≤ V
CM ≤ +12V
(SP1485EMN ONLY)
Input Hysteresis
20
mV
V
CM = 0V
Output Voltage High
3.5
Volts
I
O = -4mA, VID = +200mV
Output Voltage Low
0.4
Volts
I
O = +4mA, VID = -200mV
Three-State (High Impedance)
Output Current
±1
µA
0.4V ≤ V
O ≤ 2.4V; RE = 5V
Input Resistance
12
15
kΩ
-7V ≤ V
CM ≤ +12V
Input Current (A, B); V
IN = 12V
+1.0
mA
DE = 0V, V
CC = 0V or 5.25V, VIN = 12V
Input Current (A, B); V
IN = -7V
-0.8
mA
DE = 0V, V
CC = 0V or 5.25V, VIN = -7V
Short-Circuit Current
7
95
mA
0V ≤ V
O ≤ VCC
SP1485E RECEIVER
AC Characteristics
Maximum Data Rate
20
Mbps
RE = 0V, DE = 0V
Receiver Input to Output
15
40
50
ns
t
PLH; RDIFF = 54Ω,
C
L1 = CL2 = 100pF; Figures 3 & 7
15
ns
t
PHL; RDIFF = 54Ω, CLI = CL2 = 100pF
Diff. Receiver Skew It
PLH-tPHLI5
10
ns
R
DIFF = 54Ω; CL1 = CL2 = 100pF;
Figures 3 & 7
Receiver Enable to
Output Low
45
70
ns
C
RL = 15pF; Figures 2 & 8; S1 closed
Receiver Enable to
Output High
45
70
ns
C
RL = 15pF; Figures 2 & 8; S2 closed
Receiver Disable from Low
45
70
ns
C
RL = 15pF; Figures 2 & 8; S1 closed
Receiver Disable from High
45
70
ns
C
RL = 15pF; Figures 2 & 8; S2 closed
POWER REQUIREMENTS
Supply Voltage
+4.75
+5.25
Volts
Supply Current
SP1485E
No Load
900
µA
RE, DI = 0V or V
CC; DE = VCC
600
µA
RE = 0V, DI = 0V or 5V; DE = 0V
ENVIRONMENTAL
AND MECHANICAL
Operating Temperature
Commercial (_C_)
0
+70
°C
Industrial (_E_)
-40
+85
°C
(_M_)
-40
+125
°C
Storage Temperature
-65
+150
°C
Package
Plastic DIP (_P)
NSOIC (_N)
SPECIFICATIONS (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com