Electronic Components Datasheet Search
  English  ▼

X  

MAMF-011024 Datasheet(PDF) 6 Page - M/A-COM Technology Solutions, Inc.

Part # MAMF-011024
Description  Lead-Free 4 mm 24-lead PQFN Package
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAMF-011024 Datasheet(HTML) 6 Page - M/A-COM Technology Solutions, Inc.

  MAMF-011024 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAMF-011024 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAMF-011024 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAMF-011024 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAMF-011024 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAMF-011024 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAMF-011024 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAMF-011024 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Transceiver
21 - 27 GHz
Rev. V1
MAMF-011024
6
6
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
6
TX (Transmit) Typical Performance for Up-Conversion
Gain
Output IM3 @ 5 dBm
Output Noise
Output IM3 @ LO Input Power
Conversion Gain vs. IF Frequency
-10
-5
0
5
10
20
22
24
26
28
30
+25°C
-40°C
+85°C
Frequency (GHz)
-80
-60
-40
-20
0
20
22
24
26
28
30
+25°C
-40°C
+85°C
Frequency (GHz)
-100
-90
-80
-70
-60
20
22
24
26
28
30
Frequency (GHz)
Isolation LO to TX
-60
-50
-40
-30
-20
-10
0
20
22
24
26
28
30
0 dBm
+3 dBm
-3 dBm
Frequency (GHz)
-10
0
10
20
30
40
50
60
20
22
24
26
28
30
1xLO
2xLO
3xLO
4xLO
Frequency (GHz)
-10
-5
0
5
10
0
2
4
6
8
10
12
21 GHz
24 GHz
27 GHz
Frequency (GHz)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com