Electronic Components Datasheet Search
  English  ▼

X  

NJU7286C Datasheet(PDF) 9 Page - New Japan Radio

Part # NJU7286C
Description  Battery Backup Switching IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU7286C Datasheet(HTML) 9 Page - New Japan Radio

Back Button NJU7286C Datasheet HTML 5Page - New Japan Radio NJU7286C Datasheet HTML 6Page - New Japan Radio NJU7286C Datasheet HTML 7Page - New Japan Radio NJU7286C Datasheet HTML 8Page - New Japan Radio NJU7286C Datasheet HTML 9Page - New Japan Radio NJU7286C Datasheet HTML 10Page - New Japan Radio NJU7286C Datasheet HTML 11Page - New Japan Radio NJU7286C Datasheet HTML 12Page - New Japan Radio NJU7286C Datasheet HTML 13Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
NJU7286
- 9 -
Ver.2012-07-18
NJU7286D
(CIN=0.1µF, CO(VOUT)=10µF, CO(VRO)=10µF, Ta=25°C)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Total
ISS1
VIN =3.6V, No-Load
-
4
12
µA
IBAT1
VIN =3.6V, VBAT=3.0V, No-Load
-
-
0.1
µA
Quiescent Current
IBAT2
VIN=OPEN,VBAT=3.0V, No-Load
-
1.0
2.1
µA
Backup Power Supply
Input Voltage
VBAT
2.0
-
4.0
V
Voltage Regulator 1
Output Voltage 1
VRO
VIN=7.2V, IRO=3mA
3.136
3.200
3.264
V
Dropout Voltage 1
∆
VI-O1
IRO=3mA
-
30
60
mV
Load Regulation 1A
∆
VROA/∆IRO
VIN=7.2V, IRO=0.1 to 30mA
-
0.06
0.15
%/mA
Load Regulation 1B
∆
VROB/∆IRO
VIN=3.6V, IRO=0.1 to 30mA
-
0.06
0.15
%/mA
Line Regulation 1
∆
VRO/∆VIN
VIN=4 to 9V, IRO=3mA
-
-
0.2
%/V
Average Temperature
Coefficient of Output
Voltage 1
∆
VRO/∆T
Ta=0°C to +85°C
-
±
100
-
ppm/
°C
Voltage Regulator 2
Output Voltage 2
VOUT
VIN=7.2V, IOUT=23mA
3.136
3.200
3.264
V
Dropout Voltage 2
∆
VI-O2
IOUT=23mA
-
150
300
mV
Load Regulation 2A
∆
VOUTA/∆IOUT
VIN=7.2V, IOUT=0.1 to 60mA
-
0.04
0.1
%/mA
Load Regulation 2B
∆
VOUTB/∆OUT
VIN=3.6V, IOUT=0.1 to 60mA
-
0.04
0.1
%/mA
Line Regulation 2
∆
VOUT/∆VIN
VIN=4 to 9V, IOUT=23mA
-
-
0.2
%/V
Average Temperature
Coefficient of Output
Voltage 2
∆
VOUT/∆T
Ta=0°C to +85°C
-
±
100
-
ppm/
°C
CS Voltage Detection
Detection Voltage 1
-VDET1
Detection Voltage VIN
3.234
3.300
3.366
V
Release Voltage 1
+VDET1
3.319
3.401
3.482
V
Average Temperature
Coefficient of Detection
Voltage 1
∆
VDET1/∆T
Ta=0°C to +85°C
-
±
100
-
ppm/°C
Output Current 1
ISINK1
VDS=0.5V, VIN=VBAT=2.0V
1.50
2.30
-
mA
Leak Current 1
ILEAK1
VDS=9V, VIN=9V
-
-
0.1
µA
Operation Voltage 1
VOPR1
VINor VBAT
1.7
-
9.0
V
RESET
______________
Voltage Detection
Detection Voltage 2
-VDET2
Detection Voltage VOUT
2.205
2.250
2.295
V
Release Voltage 2
+VDET2
2.298
2.362
2.426
V
Release Delay Time
TDELAY
200
500
-
µS
Average Temperature
Coefficient of Detection
Voltage 2
∆
VDET2/∆T
Ta=0°C to +85°C
-
±
100
-
ppm/
°C
Output Current 2
ISINK2
VDS=0.5V, VIN=VBAT=2.0V
1.50
2.30
-
mA
Leak Current 2
ILEAK2
VDS=9V, VIN=9V
-
-
0.1
µA
Operation Voltage 2
VOPR2
VINor VBAT
1.7
-
9.0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com