Electronic Components Datasheet Search
  English  ▼

X  

MT8940AC Datasheet(PDF) 13 Page - Mitel Networks Corporation

Part # MT8940AC
Description  T1/CEPT Digital Trunk PLL
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8940AC Datasheet(HTML) 13 Page - Mitel Networks Corporation

Back Button MT8940AC Datasheet HTML 8Page - Mitel Networks Corporation MT8940AC Datasheet HTML 9Page - Mitel Networks Corporation MT8940AC Datasheet HTML 10Page - Mitel Networks Corporation MT8940AC Datasheet HTML 11Page - Mitel Networks Corporation MT8940AC Datasheet HTML 12Page - Mitel Networks Corporation MT8940AC Datasheet HTML 13Page - Mitel Networks Corporation MT8940AC Datasheet HTML 14Page - Mitel Networks Corporation MT8940AC Datasheet HTML 15Page - Mitel Networks Corporation MT8940AC Datasheet HTML 16Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
ISO-CMOS
MT8940
3-39
† Timing is over recommended temperature & power supply voltages.
‡ Typical figures are at 25°C and are for design aid only: not guaranteed and not subject to production testing.
Figure 12 - ST-BUS Timings from DPLL #2 and C8Kb Input/Output
AC Electrical Characteristics†-Voltages are with respect to ground (V
SS) unless otherwise stated.(Ref. Figures 11&12)
Characteristics
Sym
Min
Typ‡
Max
Units
Test Conditions
1
D
P
L
L
#2
C4b output delay (HIGH to
LOW) from C8Kb input/output
t84H
-25
75
ns
Test load circuit 2 (Fig. 17)
on C8Kb.
2C4b output clock period
tP4o
240
282
ns
Test load circuit 1 (Fig. 17).
3C4b output clock width (HIGH)
tW4oH
123
165
ns
4C4b output clock width (LOW)
tW4oL
110
123
ns
5C4b output clock rise time
trC4
10
ns
Test load circuit 1 (Fig. 17).
6C4b clock output fall time
tfC4
10
ns
Test load circuit 1 (Fig. 17).
7
Frame pulse output delay
(HIGH to LOW) from C4b
tFPL
50
ns
Test load circuit 1 (Fig. 17).
8
Frame pulse output delay
(LOW to HIGH) from C4b
tFPH
40
ns
Test load circuit 1 (Fig. 17).
9
Frame pulse (F0b) width
tWFP
200
245
ns
10
C4o delay - LOW to HIGH
t4oLH
45
ns
11
C4o delay - HIGH to LOW
t4oHL
45
ns
12
C4b to C2o delay (LOW to
HIGH)
t42LH
-10
+10
ns
13
C4b to C2o delay (HIGH to
LOW)
t42HL
20
ns
14
C2o clock period
tP2o
486
523
ns
Test load circuit 1 (Fig. 10).
15
C2o clock width (HIGH)
tW2oH
244
291
ns
16
C2o clock width (LOW)
tW2oL
233
244
ns
17
C2o clock rise time
trC2
10
ns
Test load circuit 1 (Fig. 10).
18
C2o clock fall time
tfC2
10
ns
Test load circuit 1 (Fig. 10).
19
C2o delay - LOW to HIGH
t2oLH
20
ns
20
C2o delay - HIGH to LOW
t2oHL
-5
30
ns
VOH
VOL
VOH
VOL
VOH
VOL
VIH
VIL
C4b
F0b
C8Kb
as
Output
C8Kb
as
Input
t84H
tW4oH
tP4o
tFPL
tFPH
tW4oL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com