Electronic Components Datasheet Search
  English  ▼

X  

TLP220D Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP220D
Description  Normally open (1-Form-A)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP220D Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP220D Datasheet HTML 1Page - Toshiba Semiconductor TLP220D Datasheet HTML 2Page - Toshiba Semiconductor TLP220D Datasheet HTML 3Page - Toshiba Semiconductor TLP220D Datasheet HTML 4Page - Toshiba Semiconductor TLP220D Datasheet HTML 5Page - Toshiba Semiconductor TLP220D Datasheet HTML 6Page - Toshiba Semiconductor TLP220D Datasheet HTML 7Page - Toshiba Semiconductor TLP220D Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLP220D
1
Photocouplers Photorelay
TLP220D
TLP220D
TLP220D
TLP220D
1.
1.
1.
1. Applications
Applications
Applications
Applications
•
Mechanical relay replacements
•
Security Systems
•
Measuring Instruments
•
Factory Automation (FA)
•
Amusement Equipment
•
Smart Meters
•
Electricity Meters
2.
2.
2.
2. General
General
General
General
The TLP220D photorelay consists of a photo MOSFET optically coupled to an infrared light emitting diode. It is
housed in a 4-pin DIP package. It provides an isolation voltage of 5000 Vrms, making it suitable for applications
that require reinforced insulation.
3.
3.
3.
3. Features
Features
Features
Features
(1)
Normally open (1-Form-A)
(2)
OFF-state output terminal voltage: 200 V (min)
(3)
Trigger LED current: 2 mA (max)
(4)
ON-state current: 250 mA (max)
(5)
ON-state resistance: 8 Ω (max)
(6)
Isolation voltage: 5000 Vrms (min)
(7)
Safety standards
UL-approved: UL1577 File No. E67349
cUL-approved: CSA Component Acceptance Service No. 5A, File No. E67349
VDE-approved: Option (D4) EN60747-5-5 (Note)
Note: When an EN60747-5-5 approved type is needed, please designate the Option (D4)
4.
4.
4.
4. Packaging and Pin Configuration
Packaging and Pin Configuration
Packaging and Pin Configuration
Packaging and Pin Configuration
11-5B2S
1: Anode
2: Cathode
3: Drain
4: Drain
2013-02-04
Rev.4.0


Similar Part No. - TLP220D

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP2200 TOSHIBA-TLP2200 Datasheet
340Kb / 7P
isolated buss driver high speed line receiver
TLP2200 TOSHIBA-TLP2200 Datasheet
195Kb / 7P
High Speed Line Receiver
TLP2200 TOSHIBA-TLP2200_07 Datasheet
195Kb / 7P
High Speed Line Receiver
TLP220A TOSHIBA-TLP220A Datasheet
165Kb / 8P
Photocouplers Photorelay
TLP220G TOSHIBA-TLP220G Datasheet
166Kb / 8P
Normally open (1-Form-A)
More results

Similar Description - TLP220D

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3306 TOSHIBA-TLP3306 Datasheet
176Kb / 7P
Normally open (1-Form-A)
TLP3315 TOSHIBA-TLP3315 Datasheet
200Kb / 7P
Normally open (1-Form-A)
TLP3319 TOSHIBA-TLP3319 Datasheet
202Kb / 7P
Normally open (1-Form-A)
TLP220G TOSHIBA-TLP220G Datasheet
166Kb / 8P
Normally open (1-Form-A)
logo
Vishay Siliconix
LH1546AE VISHAY-LH1546AE Datasheet
146Kb / 9P
1 Form A Solid-State Relay (Normally Open)
29-Sep-2020
LH1546ADF VISHAY-LH1546ADF_V01 Datasheet
200Kb / 9P
1 Form A Solid-State Relay (Normally Open)
05-Jul-2018
LH1518AAB VISHAY-LH1518AAB_V01 Datasheet
196Kb / 10P
1 Form A Solid-State Relay (Normally Open)
05-Jul-2018
LH1500AT VISHAY-LH1500AT_V01 Datasheet
155Kb / 9P
1 Form A Solid-State Relay (Normally Open)
05-Jul-2018
LH1525AT VISHAY-LH1525AT_V02 Datasheet
169Kb / 9P
1 Form A Solid-State Relay (Normally Open)
07-Jul-2020
LH1540AAB VISHAY-LH1540AAB_V02 Datasheet
205Kb / 10P
1 Form A Solid-State Relay (Normally Open)
05-Jul-2018
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com