Electronic Components Datasheet Search
  English  ▼

X  

TLP220J Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP220J
Description  OFF-state output terminal voltage - 600 V (min)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP220J Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP220J Datasheet HTML 1Page - Toshiba Semiconductor TLP220J Datasheet HTML 2Page - Toshiba Semiconductor TLP220J Datasheet HTML 3Page - Toshiba Semiconductor TLP220J Datasheet HTML 4Page - Toshiba Semiconductor TLP220J Datasheet HTML 5Page - Toshiba Semiconductor TLP220J Datasheet HTML 6Page - Toshiba Semiconductor TLP220J Datasheet HTML 7Page - Toshiba Semiconductor TLP220J Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLP220J
1
Photocouplers Photorelay
TLP220J
TLP220J
TLP220J
TLP220J
1.
1.
1.
1. Applications
Applications
Applications
Applications
•
Mechanical relay replacements
•
Security Systems
•
Measuring Instruments
•
Factory Automation (FA)
•
Amusement Equipment
•
Smart Meters
•
Electricity Meters
2.
2.
2.
2. General
General
General
General
The TLP220J photorelay consists of a photo MOSFET optically coupled to an infrared light emitting diode. It is
housed in a 4-pin DIP package. It provides an isolation voltage of 5000 Vrms, making it suitable for applications
that require reinforced insulation.
3.
3.
3.
3. Features
Features
Features
Features
(1)
Normally open (1-Form-A)
(2)
OFF-state output terminal voltage: 600 V (min)
(3)
Trigger LED current: 2 mA (max)
(4)
ON-state current: 90 mA (max)
(5)
ON-state resistance: 40 Ω (max, t < 1s)
(6)
ON-state resistance: 60 Ω (max, Continuous)
(7)
Isolation voltage: 5000 Vrms (min)
(8)
Safety standards
UL-approved: UL1577 File No. E67349
cUL-approved: CSA Component Acceptance Service No. 5A, File No. E67349
VDE-approved: Option (D4) EN60747-5-5 (Note)
Note: When an EN60747-5-5 approved type is needed, please designate the Option (D4).
4.
4.
4.
4. Packaging and Pin Configuration
Packaging and Pin Configuration
Packaging and Pin Configuration
Packaging and Pin Configuration
11-5B2S
1: Anode
2: Cathode
3: Drain
4: Drain
2013-02-02
Rev.4.0


Similar Part No. - TLP220J

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP2200 TOSHIBA-TLP2200 Datasheet
340Kb / 7P
isolated buss driver high speed line receiver
01-Jun-2001
TLP2200 TOSHIBA-TLP2200 Datasheet
195Kb / 7P
High Speed Line Receiver
TLP2200 TOSHIBA-TLP2200_07 Datasheet
195Kb / 7P
High Speed Line Receiver
TLP220A TOSHIBA-TLP220A Datasheet
165Kb / 8P
Photocouplers Photorelay
TLP220D TOSHIBA-TLP220D Datasheet
169Kb / 8P
Normally open (1-Form-A)
More results

Similar Description - TLP220J

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3317 TOSHIBA-TLP3317 Datasheet
198Kb / 7P
OFF-state output terminal voltage - 80 V (min)
TLP3320 TOSHIBA-TLP3320 Datasheet
205Kb / 7P
OFF-state output terminal voltage - 100 V (min)
TLP3330 TOSHIBA-TLP3330 Datasheet
197Kb / 7P
OFF-state output terminal voltage - 20 V (min)
TLP3340 TOSHIBA-TLP3340 Datasheet
173Kb / 7P
OFF-state output terminal voltage - 40 V (min)
TLP3341 TOSHIBA-TLP3341 Datasheet
174Kb / 7P
OFF-state output terminal voltage - 40 V (min)
TLP3342 TOSHIBA-TLP3342 Datasheet
176Kb / 7P
OFF-state output terminal voltage - 40 V (min)
TLP3350 TOSHIBA-TLP3350 Datasheet
174Kb / 7P
OFF-state output terminal voltage - 20 V (min)
TLP3351 TOSHIBA-TLP3351 Datasheet
173Kb / 7P
OFF-state output terminal voltage - 60 V (min)
TLP3375 TOSHIBA-TLP3375 Datasheet
186Kb / 8P
OFF-state output terminal voltage - 50 V (min)
TLP240G TOSHIBA-TLP240G Datasheet
412Kb / 17P
OFF-state output terminal voltage - 350 V (min)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com