Electronic Components Datasheet Search
  English  ▼

X  

TLP240J Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP240J
Description  Normally opened (1-Form-A)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP240J Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP240J Datasheet HTML 1Page - Toshiba Semiconductor TLP240J Datasheet HTML 2Page - Toshiba Semiconductor TLP240J Datasheet HTML 3Page - Toshiba Semiconductor TLP240J Datasheet HTML 4Page - Toshiba Semiconductor TLP240J Datasheet HTML 5Page - Toshiba Semiconductor TLP240J Datasheet HTML 6Page - Toshiba Semiconductor TLP240J Datasheet HTML 7Page - Toshiba Semiconductor TLP240J Datasheet HTML 8Page - Toshiba Semiconductor TLP240J Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
TLP240J,TLP240JF
1
Photocouplers Photorelay
TLP240J,TLP240JF
TLP240J,TLP240JF
TLP240J,TLP240JF
TLP240J,TLP240JF
Start of commercial production
2013-02
1.
1.
1.
1. Applications
Applications
Applications
Applications
•
Mechanical relay replacements
•
Security Systems
•
Measuring Instruments
•
Factory Automation (FA)
•
Amusement Equipment
•
Smart Meters
•
Electricity Meters
2.
2.
2.
2. General
General
General
General
The TLP240J and TLP240JF photorelay consist of a photo MOSFET optically coupled to an infrared light emitting
diode. They are housed in a 4-pin DIP package. They provide an isolation voltage of 5000 Vrms, making them
suitable for applications that require reinforced insulation.
3.
3.
3.
3. Features
Features
Features
Features
(1)
Halogen-free
(2)
Normally opened (1-Form-A)
(3)
OFF-state output terminal voltage: 600 V (min)
(4)
Trigger LED current: 3 mA (max)
(5)
ON-state current: 90 mA (max)
(6)
ON-state resistance: 40 Ω (max, t < 1 s), 60 Ω (max, Continuous)
(7)
Isolation voltage: 5000 Vrms (min)
(8)
Safety standards
UL-approved: UL1577, File No.E67349
cUL-approved: CSA Component Acceptance Service No.5A File No.E67349
VDE-approved: EN60747-5-5 (Note 1)
(Note 1)
(Note 1)
(Note 1)
CQC-approved: GB4943.1, GB8898 Japan Factory
Note 1: When an EN60747-5-5 approved type is needed, please designate the Option (D4)
Option (D4)
Option (D4)
Option (D4).
4.
4.
4.
4. Mechanical Parameters
Mechanical Parameters
Mechanical Parameters
Mechanical Parameters
Characteristics
Creepage distances
Clearance distances
Internal isolation thickness
7.62-mm Pitch
TLP240J
7.0 (min)
7.0 (min)
0.4 (min)
10.16-mm Pitch
TLP240JF
8.0 (min)
8.0 (min)
0.4 (min)
Unit
mm
2016-01-08
Rev.4.0
©2016 Toshiba Corporation


Similar Part No. - TLP240J

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP2403 TOSHIBA-TLP2403 Datasheet
233Kb / 12P
High-Speed Digital Interfacing for Instrumentation and Control Devices Simplex/Multiplex Data Transmission
TLP2404 TOSHIBA-TLP2404 Datasheet
267Kb / 11P
IPM (Intelligent Power Module) Industrial Inverter Operate at high ambient temperatures up to 125째C
TLP2405 TOSHIBA-TLP2405 Datasheet
338Kb / 14P
Photocouplers GaA?밃s Infrared LED & Photo IC
TLP2408 TOSHIBA-TLP2408 Datasheet
340Kb / 14P
Photocouplers GaAAs Infrared LED & Photo IC
TLP2409 TOSHIBA-TLP2409 Datasheet
188Kb / 8P
Photocouplers GaA-As Infrared LED and Photo IC
More results

Similar Description - TLP240J

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3106 TOSHIBA-TLP3106 Datasheet
193Kb / 9P
Normally opened (1-Form-A)
TLP3107 TOSHIBA-TLP3107 Datasheet
205Kb / 9P
Normally off (1-Form-A)
TLP3303 TOSHIBA-TLP3303 Datasheet
174Kb / 7P
Normally off (1-Form-A)
TLP3306 TOSHIBA-TLP3306 Datasheet
176Kb / 7P
Normally open (1-Form-A)
TLP3315 TOSHIBA-TLP3315 Datasheet
200Kb / 7P
Normally open (1-Form-A)
TLP3319 TOSHIBA-TLP3319 Datasheet
202Kb / 7P
Normally open (1-Form-A)
TLP220D TOSHIBA-TLP220D Datasheet
169Kb / 8P
Normally open (1-Form-A)
TLP220G TOSHIBA-TLP220G Datasheet
166Kb / 8P
Normally open (1-Form-A)
TLP222D TOSHIBA-TLP222D Datasheet
218Kb / 8P
Normally opened (1-Form-A)
TLP3546 TOSHIBA-TLP3546 Datasheet
172Kb / 9P
Normally off (1-Form-A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com