Electronic Components Datasheet Search
  English  ▼

X  

MASL-011023 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MASL-011023
Description  SPDT Switch & Limiter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASL-011023 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MASL-011023 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASL-011023 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASL-011023 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASL-011023 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASL-011023 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MASL-011023 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SPDT Switch & Limiter
2.7 - 3.5 GHz
Rev. V2
MASL-011023
3
3
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macomtech.com for additional data sheets and product information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
3
Parameter
Absolute Maximum
Operating Temperature
-55°C to +85°C
Storage Temperature
-65°C to +150°C
Junction Temperature6
+175°C
Applied Reverse Voltage
100 V
TX RF CW Incident Power
125 W @ +85°C
TX Bias Current +25°C
150 mA
Absolute Maximum Ratings3,4,5
Driver Conditions
7. Current is controlled externally, with RRX in parallel with a
switching diode. ―Rcom‖ is 220 Ω. G1 is connected to
ground externally. See Application Circuit Diagram.
Bias Control
Optimal operation is achieved by simultaneous
application of positive DC voltage to the low loss
switching arm and negative DC voltage to the
isolating switching arm.
In the low loss state, the diode is forward biased with
current. In the isolated state, the series diode is
reverse biased with voltage.
Minimum Reverse Bias Required (TX mode):
30 V DC Voltage for 125 W CW Power
R. Caverly and G. Hiller, ―Establishing the Minimum Reverse
Bias for a P-I-N Diode in a High Power Switch,‖ IEEE Transac-
tions on Microwave Theory and Techniques, Vol.38, No.12,
December 1990
Control Level DC Voltages
(resulting currents)
G1 = Ground, A1 = N/C
Condition of
RF Output
B3
B1
-5V (-35 mA7)
+30V (132 mA)
TX Mode 1
RRX = 120 Ω
-5V (-25 mA7)
+30V (132 mA)
TX Mode 2
RRX = 160 Ω
+5V (+17 mA7)
-5V (0mA)
RRX Mode
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
RF Integrated Circuits are sensitive to electrostatic
discharge (ESD) and can be damaged by static
electricity. Proper ESD control techniques should
be used when handling these devices.
3. Exceeding any one or combination of these limits may cause
permanent damage to this device.
4. MACOM does not recommend sustained operation near these
survivability limits.
5. Operating at nominal conditions with TJ ≤ +175°C will ensure
MTTF > 1 x 106 hours.
6. TX path typical thermal resistance (Өjc) = 12.6° CW dissipated.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com