Electronic Components Datasheet Search
  English  ▼

X  

29152T5 Datasheet(PDF) 4 Page - Sipex Corporation

Part # 29152T5
Description  1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

29152T5 Datasheet(HTML) 4 Page - Sipex Corporation

  29152T5 Datasheet HTML 1Page - Sipex Corporation 29152T5 Datasheet HTML 2Page - Sipex Corporation 29152T5 Datasheet HTML 3Page - Sipex Corporation 29152T5 Datasheet HTML 4Page - Sipex Corporation 29152T5 Datasheet HTML 5Page - Sipex Corporation 29152T5 Datasheet HTML 6Page - Sipex Corporation 29152T5 Datasheet HTML 7Page - Sipex Corporation 29152T5 Datasheet HTML 8Page - Sipex Corporation 29152T5 Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Date:5/25/04
SP29150/51/52/53 1.5A Low Dropout Voltage Regulator
© Copyright 2004 Sipex Corporation
4
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 3. Line Regulation
Figure 4. Load Regulation
Figure 5. Ground Current vs Load Current
Figure 6. Ground Current vs Input Voltage
Figure 7. Ground Current vs Load Current in Dropout
Figure 8. Dropout Voltage vs Load Current
3.280
3.285
3.290
3.295
3.300
3.305
3.310
3.315
3.320
468
10
12
14
16
Vin (V)
3.3V Device
IL = 10mA
CL = 10 F
3.280
3.285
3.290
3.295
3.300
3.305
3.310
0
0.25
0.5
0.75
1
1.25
1.5
IL (A)
Vin = 4.3V
CL = 10 F
3.3V Device
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
0
0.25
0.5
0.75
1
1.25
1.5
IL (A)
3.3V Device
Vin = 4.3V
CL = 10 F
180
200
220
240
260
280
300
46
8
10
1214
16
Vin (V)
3.3V Device
IL = 10mA
CL = 10 F
0
10
20
30
40
50
60
70
80
90
100
00.25
0.5
0.75
1
1.25
1.5
IL (A)
3.3V Device
Vin = 3.2V
CL = 10 F
0
100
200
300
400
500
600
00.25
0.5
0.75
1
1.25
1.5
IL (A)
3.3V Device
CL = 10 F



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com