Electronic Components Datasheet Search
  English  ▼

X  

1029821 Datasheet(PDF) 4 Page - SICK AG

Part # 1029821
Description  MID RANGE DISTANCE SENSORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1029821 Datasheet(HTML) 4 Page - SICK AG

  1029821 Datasheet HTML 1Page - SICK AG 1029821 Datasheet HTML 2Page - SICK AG 1029821 Datasheet HTML 3Page - SICK AG 1029821 Datasheet HTML 4Page - SICK AG 1029821 Datasheet HTML 5Page - SICK AG 1029821 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
DS40-P41211 | DS40
MID RANGE DISTANCE SENSORS
4
DISTANCE SENSORS | SICK
Online data sheet | 2016-03-17 13:18:11
Subject to change without notice
Adjustment possible
Teach
Run Q1
¯
Q1
7
8
⑦  Rotary switch
⑧  Control element
Scanning range
Characteristic curve: sensing distance 50/s
0
24
20
16
12
8
4
0
Sensing distance in mm (inch)
50/s
1
2
3
5,000
(196.85)
4,000
(157.48)
3,000
(118.11)
2,000
(78.74)
1,000
(39.37)
①  Distance change from 6 % ... 90 % remission
②  Distance change from 18 % ... 90 % remission
③  Distance change from 90 % ... 90 % remission



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com