Electronic Components Datasheet Search
  English  ▼

X  

TLP714 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP714
Description  Inverter logic type (open collector output)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP714 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP714 Datasheet HTML 1Page - Toshiba Semiconductor TLP714 Datasheet HTML 2Page - Toshiba Semiconductor TLP714 Datasheet HTML 3Page - Toshiba Semiconductor TLP714 Datasheet HTML 4Page - Toshiba Semiconductor TLP714 Datasheet HTML 5Page - Toshiba Semiconductor TLP714 Datasheet HTML 6Page - Toshiba Semiconductor TLP714 Datasheet HTML 7Page - Toshiba Semiconductor TLP714 Datasheet HTML 8Page - Toshiba Semiconductor TLP714 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
TLP714
1
Photocouplers GaAℓAs Infrared LED & Photo IC
TLP714
TLP714
TLP714
TLP714
Start of commercial production
2011-09
1.
1.
1.
1. Applications
Applications
Applications
Applications
•
Intelligent Power Module Signal Isolation
•
Factory Automation (FA)
•
Industrial Inverters
2.
2.
2.
2. General
General
General
General
The TLP714 is a photocoupler in a 6-pin SDIP package that consists of a GaAℓAs infrared light-emitting diode
(LED) optically coupled to an integrated high-gain, high-speed photodetector IC chip. It provides guaranteed
performance and specifications at temperatures up to 125 .The TLP714 is physically smaller than the one in
an 8-pin DIP package and compliant with international safety standards for reinforced insulation. It thus provides
a smaller footprint solution for applications that require safety standard certification. An internal noise shield
provides a guaranteed commonmode transient immunity of ±20 kV/µs. The TLP714 guarantees minimum and
maximum of propagation delay time, pulse width distortion. Therefore it is suitable for isolation interface between
IPM and control IC circuits in motor control application.
3.
3.
3.
3. Features
Features
Features
Features
(1)
Inverter logic type (open collector output)
(2)
Package: SDIP6
(3)
Operating temperature: -40 to 125 
(4)
Supply voltage: -0.5 to 30 V
(5)
Threshold input current: 5.0 mA (max)
(6)
Supply current: 1.3 mA (max)
(7)
Propagation delay time: tpHL = 400 ns (max), tpLH = 550 ns (max)
(8)
Pulse width distortion: 400 ns (max)
(9)
Common-mode transient immunity: ±20 kV/µs (min)
(10) Isolation voltage: 5000 Vrms (min)
(11) Safety standards
UL-approved: UL1577, File No.E67349
cUL-approved: CSA Component Acceptance Service No.5A File No.E67349
VDE-approved: EN60747-5-5 (Note 1)
(Note 1)
(Note 1)
(Note 1)
Note 1: When an EN60747-5-5 approved type is needed, please designate the Option (D4)
Option (D4)
Option (D4)
Option (D4).
2015-12-25
Rev.6.0
©2015 Toshiba Corporation


Similar Part No. - TLP714

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP714F TOSHIBA-TLP714F Datasheet
374Kb / 15P
Photocouplers GaAAs Infrared LED & Photo IC
More results

Similar Description - TLP714

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F756 PHILIPS-74F756 Datasheet
88Kb / 12P
Octal inverter buffer open-collector
1989 Nov 27
logo
Texas Instruments
SN5405 TI-SN5405 Datasheet
547Kb / 18P
HEX INVERTER WITH OPEN-COLLECTOR OUTPUTS
logo
Fairchild Semiconductor
DM74S05 FAIRCHILD-DM74S05 Datasheet
47Kb / 4P
Hex Inverter with Open-Collector Outputs
logo
Renesas Technology Corp
HD74LS06 RENESAS-HD74LS06_1 Datasheet
63Kb / 6P
Hex Inverter Buffers / Drivers (with Open Collector High-Voltage Output)
logo
Fairchild Semiconductor
DM74ALS05AN FAIRCHILD-DM74ALS05AN Datasheet
52Kb / 4P
Hex Inverter with Open Collector Outputs
logo
Toshiba Semiconductor
TLP2358 TOSHIBA-TLP2358 Datasheet
257Kb / 11P
Inverter logic type (totem pole output)
TLP754 TOSHIBA-TLP754_15 Datasheet
408Kb / 15P
Inverter logic type (open collector output)
TLP2160 TOSHIBA-TLP2160 Datasheet
328Kb / 14P
Inverter logic type (Totem pole output)
TLP2168 TOSHIBA-TLP2168_15 Datasheet
453Kb / 16P
Inverter logic type (open collector output)
TLP2361 TOSHIBA-TLP2361 Datasheet
424Kb / 16P
Inverter logic type (Totem pole output)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com