Electronic Components Datasheet Search
  English  ▼

X  

CDBV140-HF Datasheet(PDF) 3 Page - Comchip Technology

Part # CDBV140-HF
Description  SMD Schottky Barrier Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBV140-HF Datasheet(HTML) 3 Page - Comchip Technology

  CDBV140-HF Datasheet HTML 1Page - Comchip Technology CDBV140-HF Datasheet HTML 2Page - Comchip Technology CDBV140-HF Datasheet HTML 3Page - Comchip Technology CDBV140-HF Datasheet HTML 4Page - Comchip Technology CDBV140-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TYPICAL RATING AND CHARACTERISTIC CURVES (CDBV130-HF)
SMD Schottky Barrier Diodes
TYPICAL RATING AND CHARACTERISTIC CURVES (CDBV140-HF)
QW-JB041
Page 3
REV:B
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
Fig.5 - Forward Characteristics
1
100
Fig.6 - Reverse Characteristics
Reverse Voltage, VR (V)
0
0.8
0.2
0.4
0.6
3000
1000
TA = 100°C
TA = 25°C
0
30
5
1
0.1
10
TA = 25°C
TA = 100°C
Forward Voltage, VF (V)
10
1.0
100
10
1000
10000
15
20
25
Fig.7 - Forward Characteristics
10
0
0.8
0.2
0.4
0.6
3000
1000
TA = 100°C
TA = 25°C
Forward Voltage, VF (V)
100
1.0
Fig.8 - Reverse Characteristics
Reverse Voltage, VR (V)
0
40
1
10
100
10
1000
10000
20
30
TA = 100°C
TA = 25°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com