Electronic Components Datasheet Search
  English  ▼

X  

HMC188MS8 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC188MS8
Description  GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER, 1.25 - 3.0 GHz INPUT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC188MS8 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC188MS8 Datasheet HTML 1Page - Hittite Microwave Corporation HMC188MS8 Datasheet HTML 2Page - Hittite Microwave Corporation HMC188MS8 Datasheet HTML 3Page - Hittite Microwave Corporation HMC188MS8 Datasheet HTML 4Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MICROWAVE CORPORATION
11 - 17
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
11
-50
-40
-30
-20
-10
0
012
3
4
56
7
8
OUTPUT FREQUENCY (GHz)
Input = +10 dBm
Input = +13 dBm
Input = +15 dBm
Input = +20 dBm
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER 17 - 25 GHz
HMC188MS8
Conversion Loss @ +15 dBm Drive Level
Isolation @ +15 dBm Drive Level*
Input Return Loss vs. Drive Level
Output Return Loss vs. Drive Level
v02.1201
GaAs MMIC SMT FREQUENCY
DOUBLER, 1.25 - 3.0 GHz INPUT
*With respect to input level
Note: Output return loss measured at 2fo, with +10dBm,
+15 dBm, and +20 dBm drive levels on input of doubler.
Conversion Loss vs. Drive Level
-50
-40
-30
-20
-10
0
012
34
5
6
7
8
OUTPUT FREQUENCY (GHz)
+25C
-40C
+85C
-25
-20
-15
-10
-5
0
0
1
2
3
4567
8
OUTPUT FREQUENCY (GHz)
Input = +10 dBm
Input = +15 dBm
Input = +20 dBm
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0
5
10
15
20
FREQUENCY (GHz)
Fo
3Fo
4Fo
-25
-20
-15
-10
-5
0
01
2
3
4
567
8
INPUT FREQUENCY (GHz)
Input = +10 dBm
Input = +15 dBm
Input = +20 dBm



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com