Electronic Components Datasheet Search
  English  ▼

X  

TLP2301 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP2301
Description  Collector-emitter voltage - 40 V (min)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP2301 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP2301 Datasheet HTML 1Page - Toshiba Semiconductor TLP2301 Datasheet HTML 2Page - Toshiba Semiconductor TLP2301 Datasheet HTML 3Page - Toshiba Semiconductor TLP2301 Datasheet HTML 4Page - Toshiba Semiconductor TLP2301 Datasheet HTML 5Page - Toshiba Semiconductor TLP2301 Datasheet HTML 6Page - Toshiba Semiconductor TLP2301 Datasheet HTML 7Page - Toshiba Semiconductor TLP2301 Datasheet HTML 8Page - Toshiba Semiconductor TLP2301 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TLP2301
1
Photocouplers GaAℓAs Infrared LED & Photo IC
TLP2301
TLP2301
TLP2301
TLP2301
Start of commercial production
2013-03
1.
1.
1.
1. Applications
Applications
Applications
Applications
•
Industrial Inverters
•
Communications Equipment
•
Home Electric Appliances
2.
2.
2.
2. General
General
General
General
The Toshiba TLP2301 consists of a high-speed detector based on the photo-transistor optically coupled to GaAℓAs
infrared emitting diodes. It is housed in the SO6 package. The TLP2301 has realized the early switching
characteristics by several kΩ resistance. The TLP2301 correspond to the transmission rate of 20 kbps, and has
become a product which fills between a general-purpose transistor coupler and IC couplers corresponding to 1
Mbps.
3.
3.
3.
3. Features
Features
Features
Features
(1)
Collector-emitter voltage: 40 V (min)
(2)
Current transfer ratio: 50% (min) (@IF = 1 mA, VCE = 5 V)
Rank GB: 100% (min) (@IF = 1 mA, VCE = 5 V)
(3)
Isolation voltage: 3750 Vrms (min)
(4)
Propagation delay time: tpHL = 30 µs (max), tpLH = 30 µs (max) @ IF = 1 mA, RL = 10 kΩ, Ta = 25 
(5)
Operating temperature: -55 to 125 
(6)
Safety standards
UL-approved: UL1577, File No.E67349
cUL-approved: CSA Component Acceptance Service No.5A File No.E67349
VDE-approved: EN60747-5-5, EN60065 or EN60950-1 (Note 1)
(Note 1)
(Note 1)
(Note 1)
CQC-approved: GB4943.1, GB8898 Thailand Factory
Note 1: When a VDE approved type is needed, please designate the Option (V4)
Option (V4)
Option (V4)
Option (V4).
4.
4.
4.
4. Packaging and Pin Assignment
Packaging and Pin Assignment
Packaging and Pin Assignment
Packaging and Pin Assignment
11-4M1S
1: Anode
3: Cathode
4: Emitter
6: Collector
2016-01-13
Rev.3.0
©2016 Toshiba Corporation


Similar Part No. - TLP2301

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP2303 TOSHIBA-TLP2303 Datasheet
286Kb / 13P
Photocouplers GaA As Infrared LED & Photo IC
TLP2303 TOSHIBA-TLP2303_16 Datasheet
435Kb / 16P
Photocouplers GaA-As Infrared LED - Photo IC
TLP2309 TOSHIBA-TLP2309 Datasheet
352Kb / 13P
Photocouplers GaA-As Infrared LED - Photo IC
More results

Similar Description - TLP2301

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SA651 ISC-2SA651 Datasheet
69Kb / 2P
Collector-Emitter Breakdown Voltage- : V(BR)CEO= -150V(Min.)
2SB874 ISC-2SB874 Datasheet
111Kb / 2P
Collector-Emitter Breakdown Voltage- : V(BR)CEO= -60V(Min)
3DD101A ISC-3DD101A Datasheet
191Kb / 2P
Collector-Emitter Breakdown Voltage-: V(BR)CEO= 100V(Min.)
3DD101B ISC-3DD101B Datasheet
191Kb / 2P
Collector-Emitter Breakdown Voltage-: V(BR)CEO= 150V(Min.)
3DD15C ISC-3DD15C Datasheet
190Kb / 2P
Collector-Emitter Breakdown Voltage-: V(BR)CEO= 150V(Min.)
3DD208 ISC-3DD208 Datasheet
188Kb / 2P
Collector-Emitter Breakdown Voltage-: V(BR)CEO= 200V(Min.)
3DD7C ISC-3DD7C Datasheet
191Kb / 2P
Collector-Emitter Breakdown Voltage-: V(BR)CEO= 150V(Min)
3DD7E ISC-3DD7E Datasheet
191Kb / 2P
Collector-Emitter Breakdown Voltage-: V(BR)CEO= 250V(Min)
BUY72 ISC-BUY72 Datasheet
192Kb / 2P
Collector-Emitter Breakdown Voltage-: V(BR)CEO= 200V(Min.)
logo
Guangdong Youtai Semico...
TLP185GB-S UMW-TLP185GB-S Datasheet
1Mb / 8P
Collector-emitter voltage: 80 V (min)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com