Electronic Components Datasheet Search
  English  ▼

X  

TLP7930 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP7930
Description  Photocouplers Optically Isolated Delta-Sigma Modulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP7930 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP7930 Datasheet HTML 1Page - Toshiba Semiconductor TLP7930 Datasheet HTML 2Page - Toshiba Semiconductor TLP7930 Datasheet HTML 3Page - Toshiba Semiconductor TLP7930 Datasheet HTML 4Page - Toshiba Semiconductor TLP7930 Datasheet HTML 5Page - Toshiba Semiconductor TLP7930 Datasheet HTML 6Page - Toshiba Semiconductor TLP7930 Datasheet HTML 7Page - Toshiba Semiconductor TLP7930 Datasheet HTML 8Page - Toshiba Semiconductor TLP7930 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
TLP7930,TLP7930F
1
Photocouplers Optically Isolated Delta-Sigma Modulator
TLP7930,TLP7930F
TLP7930,TLP7930F
TLP7930,TLP7930F
TLP7930,TLP7930F
Start of commercial production
2016-01
1.
1.
1.
1. Applications
Applications
Applications
Applications
•
Motor phase and rail current sensing
•
Power inverter current and voltage sensing
2.
2.
2.
2. General
General
General
General
The TLP7930 and TLP7930F are a 1-bit, second-order sigma-delta (∑-∆) modulator converts an analog input
signal into a high-speed data stream with galvanic isolation based on optical coupling technology.
3.
3.
3.
3. Features
Features
Features
Features
(1)
Output clock frequency: 10 MHz (typ.)
(2)
16 bits resolution no missing codes [ENOB: 12 bits (typ.)]
(3)
Integral non-linearity: 4 LSB (typ.)
(4)
Input offset voltage: 1.4 mV (typ.)
(5)
Operating temperature range: -40 to 105 
(6)
Common-mode transient immunity: 15 kV/µs (min)
(7)
Safety standards
UL-approved: UL1577, File No.E67349
cUL-approved: CSA Component Acceptance Service No.5A File No.E67349
VDE-approved: EN60747-5-5, EN60065 or EN60950-1 (Note 1)
(Note 1)
(Note 1)
(Note 1)
Note 1: When a VDE approved type is needed, please designate the Option (D4)
Option (D4)
Option (D4)
Option (D4).
2016-04-14
Rev.2.0
©2016 Toshiba Corporation


Similar Part No. - TLP7930

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP7920 TOSHIBA-TLP7920 Datasheet
231Kb / 11P
Photocouplers Optically Isolation Amplifiers
10-Sep-2015
TLP7920F TOSHIBA-TLP7920F Datasheet
231Kb / 11P
Photocouplers Optically Isolation Amplifiers
10-Sep-2015
TLP795G TOSHIBA-TLP795G Datasheet
324Kb / 6P
PHOTO RELAY
TLP797GA TOSHIBA-TLP797GA Datasheet
130Kb / 5P
Cordless Telephone
01-Oct-2007
TLP797GA TOSHIBA-TLP797GA Datasheet
66Kb / 4P
6 pin DIP (DIP6)
13-Jun-2001
More results

Similar Description - TLP7930

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-7560 HP-HCPL-7560 Datasheet
150Kb / 18P
Optically Isolated Sigma-Delta Modulator
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-7970-500E AVAGO-ACPL-7970-500E Datasheet
651Kb / 18P
Optically Isolated Sigma-Delta Modulator
ACPL-796J-560E AVAGO-ACPL-796J-560E Datasheet
209Kb / 16P
Optically Isolated Sigma-Delta Modulator
logo
Renesas Technology Corp
PS9551AL4 RENESAS-PS9551AL4_15 Datasheet
855Kb / 20P
Optically Isolated Delta-Sigma Modulator
logo
Toshiba Semiconductor
TLP7830 TOSHIBA-TLP7830 Datasheet
252Kb / 9P
Photocouplers Optically Isolated Delta-Sigma Modulator
10-Sep-2015
logo
California Eastern Labs
PS9551AL4 CEL-PS9551AL4 Datasheet
3Mb / 20P
Optically Isolated Delta-Sigma Modulator
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-C797 AVAGO-ACPL-C797 Datasheet
643Kb / 16P
Optically Isolated Sigma-Delta Modulator
logo
Broadcom Corporation.
ACPL-C797 BOARDCOM-ACPL-C797 Datasheet
1Mb / 18P
Optically Isolated Sigma-Delta Modulator
logo
Renesas Technology Corp
PS9551AL4 RENESAS-PS9551AL4 Datasheet
854Kb / 20P
Optically Isolated Delta-Sigma Modulator
Mar 20, 2014
RV1S9353A RENESAS-RV1S9353A Datasheet
1Mb / 20P
Optically Isolated Delta-Sigma Modulator
Mar 23, 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com