Electronic Components Datasheet Search
  English  ▼

X  

HMC205 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC205
Description  GaAs MMIC PASSIVE FREQUENCY DOUBLER, 6 - 12 GHz INPUT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC205 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC205 Datasheet HTML 1Page - Hittite Microwave Corporation HMC205 Datasheet HTML 2Page - Hittite Microwave Corporation HMC205 Datasheet HTML 3Page - Hittite Microwave Corporation HMC205 Datasheet HTML 4Page - Hittite Microwave Corporation HMC205 Datasheet HTML 5Page - Hittite Microwave Corporation HMC205 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MICROWAVE CORPORATION
4 - 17
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
4
-20
-15
-10
-5
0
6789
10
11
12
INPUT FREQUENCY (GHz)
+85 C
+25 C
-55 C
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER 17 - 25 GHz
HMC205
Conversion Gain vs Temperature
@ +15 dBm Drive Level
Isolation @ +15 dBm Drive Level*
Input Return Loss vs. Drive Level
Output Return Loss for
Several Input Frequencies
v02.1201
GaAs MMIC FREQUENCY
DOUBLER, 6 - 12 GHz INPUT
*With respect to input level
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
5
10
152025
303540
FREQUENCY (GHz)
Fo
4Fo
3Fo
-20
-15
-10
-5
0
6789
10
11
12
FREQUENCY (GHz)
+8 dBm
+10 dBm
+14 dBm
+12 dBm
-20
-15
-10
-5
0
12
14
16
18
20
22
24
OUTPUT FREQUENCY (GHz)
10 GHz In
8 GHz In 6 GHz In
12 GHz In



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com