Electronic Components Datasheet Search
  English  ▼

X  

A71 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # A71
Description  Cascadable Amplifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

A71 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  A71 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. A71 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. A71 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Cascadable Amplifier
5 to 200 MHz
Rev. V2
A71 / SMA71
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Electrical Specifications: Z0 = 50, VCC = +15 VDC
Parameter
Units
Typical
Guaranteed
25ºC
0º to 50ºC -54º to +85ºC*
Frequency
MHz
1-300
5-200
5-200
Small Signal Gain (min)
dB
18.0
16.5
16.0
Gain Flatness (max)
dB
±0.5
±0.8
±1.0
Reverse Isolation
dB
22
Noise Figure (max)
dB
2.1
2.5
2.8
Power Output
@ 1 dB comp. (min)
dBm
-2.5
-3.0
-3.5
IP3
dBm
+10
IP2
dBm
+11.5
Second Order Harmonic IP
dBm
+18.5
VSWR Input / Output (max)
1.4:1 / 1.4:1
1.9:1 / 1.9:1
2.0:1 / 2.0:1
DC Current @ 15 Volts (max)
mA
9
11
13
Features
 AVAILABLE IN SURFACE MOUNT
 LOW NOISE: 2.1 dB (TYP.)
 HIGH GAIN 18 dB (TYP.)
 LOW VSWR <1.4:1 (TYP.)
Description
The A71 RF amplifier is a discrete hybrid design, which uses
thin film manufacturing processes for accurate performance
and
high reliability.
This single stage bipolar transistor feedback amplifier design
displays impressive performance over a broadband frequency
range. Both TO-8 and Surface Mount packages are
Hermetically sealed, and MIL-STD-883 environmental screen-
ing is available
.
Product Image
Ordering Information
Part Number
Package
A71
TO-8
MAAM-008318-0SMA71
Surface Mount
MAAM-008318-00CA71
SMA Connectorized **
Absolute Maximum Ratings
Parameter
Absolute
Maximum
Storage Temperature
-62ºC to +125ºC
Case Temperature
125ºC
DC Voltage
+18 V
Continuous Input Power
+13 dBm
Short Term Input power
(1 minute max.)
50 mW
Peak Power (3 µsec max.)
0.5 W
“S” Series Burn-In
Temperature (case)
+125ºC
Thermal Data: VCC = +15 VDC
Parameter
Rating
Thermal Resistance θjc
45ºC/W
Transistor Power Dissipation Pd
0.053 W
Junction Temperature Rise
Above Case Tjc
2ºC
* Over temperature performance limits for part number CA71, guaranteed from 0oC to +50oC only.
** The connectorized version is not RoHs compliant.


Similar Part No. - A71

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A71 MACOM-A71 Datasheet
352Kb / 2P
Cascadable Amplifier 5 to 200 MHz
logo
M/A-COM Technology Solu...
A71 MA-COM-A71 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 200 MHz
logo
DFI Inc
A71-103004-000G DFI-A71-103004-000G Datasheet
749Kb / 4P
8th/9th Gen Intel® CoreTM AI-Enabled Embedded System
A71-103005-000G DFI-A71-103005-000G Datasheet
749Kb / 4P
8th/9th Gen Intel® CoreTM AI-Enabled Embedded System
A71-110100-000G DFI-A71-110100-000G Datasheet
749Kb / 4P
8th/9th Gen Intel® CoreTM AI-Enabled Embedded System
More results

Similar Description - A71

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
A75-2 MA-COM-A75-2 Datasheet
1Mb / 2P
Cascadable Amplifier Cascadable Amplifier
A87-2 MA-COM-A87-2 Datasheet
1Mb / 2P
Cascadable Amplifier Cascadable Amplifier
A18-1-SMA18-1 MA-COM-A18-1-SMA18-1 Datasheet
1Mb / 2P
Cascadable Amplifier
A26-SMA26 MA-COM-A26-SMA26 Datasheet
205Kb / 2P
Cascadable Amplifier
A28-SMA28 MA-COM-A28-SMA28 Datasheet
1Mb / 2P
Cascadable Amplifier
A59-SMA59 MA-COM-A59-SMA59 Datasheet
1Mb / 2P
Cascadable Amplifier
A70-1-SMA70-1 MA-COM-A70-1-SMA70-1 Datasheet
1Mb / 2P
Cascadable Amplifier
A70-3-SMA70-3 MA-COM-A70-3-SMA70-3 Datasheet
1Mb / 2P
Cascadable Amplifier
PA511-SMPA511 MA-COM-PA511-SMPA511 Datasheet
1Mb / 2P
Cascadable Amplifier
RA62-SMRA62 MA-COM-RA62-SMRA62 Datasheet
1Mb / 2P
Cascadable Amplifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com