Electronic Components Datasheet Search
  English  ▼

X  

LS7366R Datasheet(PDF) 5 Page - LSI Computer Systems

Part # LS7366R
Description  32-BIT QUADRATURE COUNTER WITH SERIAL INTERFACE
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7366R Datasheet(HTML) 5 Page - LSI Computer Systems

  LS7366R_14 Datasheet HTML 1Page - LSI Computer Systems LS7366R_14 Datasheet HTML 2Page - LSI Computer Systems LS7366R_14 Datasheet HTML 3Page - LSI Computer Systems LS7366R_14 Datasheet HTML 4Page - LSI Computer Systems LS7366R_14 Datasheet HTML 5Page - LSI Computer Systems LS7366R_14 Datasheet HTML 6Page - LSI Computer Systems LS7366R_14 Datasheet HTML 7Page - LSI Computer Systems LS7366R_14 Datasheet HTML 8Page - LSI Computer Systems LS7366R_14 Datasheet HTML 9Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
DC Electrical Characteristics. (TA = -25˚C to +85°C)
Parameter
Symbol
Min.
TYP
Max.
Unit
Remarks
Supply Voltage
VDD
3.0
-
5.5
V
-
Supply Current
IDD
300
400
450
µA
VDD = 3.0V
IDD
700
800
950
µA
VDD = 5.0V
Input Voltages
fCKi, Logic high
VCH
2.3
-
-
V
VDD = 3.0V
VCH
3.7
-
-
V
VDD = 5.0V
fCKi, Logic Low
VCL
-
-
0.7
V
VDD = 3.0V
VCL
-
-
1.3
V
VDD = 5.0
All other inputs, Logic High
VAH
2.1
-
V
VDD = 3.0V
VAH
3.5
-
V
VDD = 5.0V
All other inputs, Logic Low
VAL
-
-
0.5
V
VDD = 3.0V
VAL
-
-
1.0
V
VDD = 5.0V
Input Currents:
CNT_EN Low
IIEL
-
3.0
5.0
µA
VAL = 0.7V, VDD = 3.0V
IIEL
-
10.0
15.0
µA
VAL = 1.2V, VDD = 5.0V
CNT_EN High
IIEH
-
1.0
3.0
µA
VAH = 1.9V, VDD = 3.0V
IIEH
-
6.0
9.0
µA
VAH = 3.2V, VDD = 5.0V
All other inputs, High or Low
-
-
0
0
µA
-
Output Currents:
LFLAG, DFLAG Sink
IOFL
-1.3
-2.0
-
mA
VOUT = 0.5V, VDD = 3.0V
IOFL
-3.2
-4.0
-
mA
VOUT = 0.5V, VDD = 5.0V
LFLAG Source
-
0
0
-
mA
Open Drain Output
DFLAG Source
IOFH
1.0
1.8
-
mA
VOUT = 2.5V, VDD = 3.0V
IOFH
2.8
3.6
-
mA
VOUT = 4.5V, VDD = 5.0V
fCKO Sink
IOCL
-1.3
-2.0
-
mA
VOUT = 0.5V, VDD = 3.0V
IOCL
-3.2
-4.0
-
mA
VOUT = 0.5V, VDD = 5.0V
fCKO Source
IOCH
1.3
2.0
-
mA
VOUT = 2.5V, VDD = 3.0V
IOCH
3.2
4.0
-
mA
VOUT = 4.5V, VDD = 5.0V
TXD/MISO:
Sink
IOML
-1.5
-2.4
-
mA
VOUT = 0.5V, VDD = 3.0V
IOML
-3.8
-4.8
-
mA
VOUT = 0.5V, VDD = 5.0V
Source
IOMH
1.5
2.4
-
mA
VOUT = 2.5V, VDD = 3.0V
IOMH
3.8
4.8
-
mA
VOUT = 4.5V, VDD = 5.0V
7366R-091109-5
Transient Characteristics. (TA = -25˚C to +85˚C, VDD = 5V ± 10%)
Parameter
Symbol
Min. Value
Max.Value
Unit
Remarks
(See Fig. 2)
SCK High Pulse Width
tCH
100
-
ns
-
SCK Low Pulse Width
tCL
100
-
ns
-
SS/ Set Up Time
tCSL
100
-
ns
-
SS/ Hold Time
tCSH
100
-
ns
-
Inter Command SS/ high
tCSI
100
-
ns
-
Quadrature Mode
(See Fig. 5, 7 & 8 )
fCKI High Pulse Width
t1
12
-
ns
-
fCKI Pulse Width
t2
12
-
ns
-
fCKI Frequency
fFCK
-
40
MHz
-
Effective Filter Clock fF Period
t3
25
-
ns
t3 = t1+t2, MDR0 <7> = 0
t3
50
-
ns
t3 = 2(t1+t2), MDR0 <7> = 1
Effective Filter Clock fF frequency
fF
-
40
MHz
fF = 1/ t3
Quadrature Separation
t4
26
-
ns
t4 > t3
Quadrature Clock Pulse Width
t5
52
-
ns
t5 ≥ 2t3
Quadrature Clock frequency
fQA, fQB
-
9.6
MHz
fQA = fQB < 1/4t3
Quadrature Clock to Count Delay
tQ1
4t3
5t3
-
-
x1 / x2 / x4 Count Clock Pulse Width
tQ2
12
-
ns
tQ2 = (t3)/2
Index Input Pulse Width
tid
32
-
ns
tid > t4
Index Set Up Time
tis
-
5
ns
-
Index Hold Time
tih
-
5
ns
-
Quadrature clock to
tfl
4.5t3
5.5t3
ns
-
DFLAG/ or LFLAG/ delay
DFLAG/ output width
tfw
26
-
ns
tfw = t4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com