Electronic Components Datasheet Search
  English  ▼

X  

A73 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # A73
Description  Cascadable Amplifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

A73 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  A73 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. A73 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. A73 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Cascadable Amplifier
5 to 500 MHz
Rev. V3
A73 / SMA73
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Electrical Specifications: Z0 = 50, VCC = +15 VDC
Parameter
Units
Typical
Guaranteed
25ºC
0º to 50ºC -54º to +85ºC*
Frequency
MHz
1-600
5-500
5-500
Small Signal Gain (min)
dB
32.0
30.0
29.0
Gain Flatness (max)
dB
±0.3
±0.7
±1.0
Reverse Isolation
dB
37
Noise Figure (max)
dB
3.5
4.0
4.5
Power Output
@ 1 dB comp. (min)
dBm
1.5
1.0
0.5
IP3
dBm
+15
IP2
dBm
+19.5
Second Order Harmonic IP
dBm
+26
VSWR Input / Output (max)
1.4:1 / 1.4:1
1.8:1 / 1.8:1
2.0:1 / 2.0:1
DC Current @ 15 Volts (max)
mA
20
23
25
Features
 HIGH GAIN - TWO STAGES: 32 dB (TYP.)
 LOW NOISE: 3.5 dB (TYP.)
 THIRD ORDER IP: +15 dBm (TYP.)
 LOW VSWR: <1.4:1 (TYP.)
Description
The A73 RF amplifier is a discrete hybrid design, which uses
thin film manufacturing processes for consistent performance
and high reliability.
This 2 stage bipolar transistor feedback amplifier design
displays impressive performance over a broadband
frequency range. An active DC biasing network insures
temperature-stable performance.
Both TO-8 and Surface Mount packages are hermetically
sealed, and MIL-STD-883 environmental screening is avail-
able.
Product Image
Ordering Information
Part Number
Package
A73
TO-8
SMA73
Surface Mount
CA73 **
SMA Connectorized
Absolute Maximum Ratings
Parameter
Absolute
Maximum
Storage Temperature
-62ºC to +125ºC
Case Temperature
125ºC
DC Voltage
+17 V
Continuous Input Power
+6 dBm
Short Term Input power
(1 minute max.)
50 mW
Peak Power (3 µsec max.)
0.5 W
“S” Series Burn-In
Temperature (case)
125ºC
Thermal Data: VCC = +15 VDC
Parameter
Rating
Thermal Resistance θjc
171ºC/W
Transistor Power Dissipation Pd
0.105 W
Junction Temperature Rise
Above Case Tjc
18ºC
* Over temperature performance limits for part number CA73, guaranteed from 0oC to +50oC only.
** The connectorized version is not RoHs compliant.


Similar Part No. - A73

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A73 MACOM-A73 Datasheet
377Kb / 2P
Cascadable Amplifier 5 to 500 MHz
logo
List of Unclassifed Man...
A73 ETC1-A73 Datasheet
181Kb / 1P
8 Pin DIP ACMOS Clock Oscillator
logo
Connor-Winfield Corpora...
A73 CONNOR-WINFIELD-A73 Datasheet
118Kb / 1P
8 Pin DIP ACMOS Clock Oscillator
logo
M/A-COM Technology Solu...
A73 MA-COM-A73 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 500 MHz
logo
M-System Co.,Ltd.
A73 MSYSTEM-A73 Datasheet
23Kb / 1P
PANEL MOUNT ADAPTOR
More results

Similar Description - A73

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
A75-2 MA-COM-A75-2 Datasheet
1Mb / 2P
Cascadable Amplifier Cascadable Amplifier
A87-2 MA-COM-A87-2 Datasheet
1Mb / 2P
Cascadable Amplifier Cascadable Amplifier
A18-1-SMA18-1 MA-COM-A18-1-SMA18-1 Datasheet
1Mb / 2P
Cascadable Amplifier
A26-SMA26 MA-COM-A26-SMA26 Datasheet
205Kb / 2P
Cascadable Amplifier
A28-SMA28 MA-COM-A28-SMA28 Datasheet
1Mb / 2P
Cascadable Amplifier
A59-SMA59 MA-COM-A59-SMA59 Datasheet
1Mb / 2P
Cascadable Amplifier
A70-1-SMA70-1 MA-COM-A70-1-SMA70-1 Datasheet
1Mb / 2P
Cascadable Amplifier
A70-3-SMA70-3 MA-COM-A70-3-SMA70-3 Datasheet
1Mb / 2P
Cascadable Amplifier
PA511-SMPA511 MA-COM-PA511-SMPA511 Datasheet
1Mb / 2P
Cascadable Amplifier
RA62-SMRA62 MA-COM-RA62-SMRA62 Datasheet
1Mb / 2P
Cascadable Amplifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com