Electronic Components Datasheet Search
  English  ▼

X  

HMC210MS8 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC210MS8
Description  GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 1.5 - 2.3 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC210MS8 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC210MS8 Datasheet HTML 1Page - Hittite Microwave Corporation HMC210MS8 Datasheet HTML 2Page - Hittite Microwave Corporation HMC210MS8 Datasheet HTML 3Page - Hittite Microwave Corporation HMC210MS8 Datasheet HTML 4Page - Hittite Microwave Corporation HMC210MS8 Datasheet HTML 5Page - Hittite Microwave Corporation HMC210MS8 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MICROWAVE CORPORATION
9 - 5
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
9
v01.0801
Outline Drawing
Control and Bias Voltage
HMC210MS8
GaAs MMIC VOLTAGE-VARIABLE
ATTENUATOR, 1.5 - 2.3 GHz
Absolute Maximum Ratings
*Note: DC blocking capacitors are required for RF ports. 100
pF RF chip capacitors (0603 size) are recommended on RF1
& RF2 ports..
VCTL
-0.2 Vdc to Vdd
Vdd
+8 Vdc
Maximum Input Power
(Vdd = +2.5 Vdc)
+26 dBm @ Min. Attenuation, VCTL = +0.0V
+20 dBm @ Atten. >2 dB
Storage
Temperature
-65 to +150 °C
Operating
Temperature
-40 to +85 °C
VCTL
0 to +2.5 Vdc @ -100 µA to +100 µA
Vdd
+2.5 Vdc +/- 0.1 Vdc @ +100 µA
NOTES:
1. PACKAGE BODY MATERIAL: LOW STRESS INJECTION MOLDED
PLASTIC SILICA AND SILICON IMPREGNATED.
2. LEADFRAME MATERIAL: COPPER ALLOY
3. LEADFRAME PLATING: Sn/Pb SOLDER
4. DIMENSIONS ARE IN INCHES [MILLIMETERS].
5. DIMENSION DOES NOT INCLUDE MOLDFLASH OF 0.15mm PER SIDE.
6. DIMENSION DOES NOT INCLUDE MOLDFLASH OF 0.25mm PER SIDE.
7. ALL GROUND LEADS MUST BE SOLDERED TO PCB RF GROUND.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com