Electronic Components Datasheet Search
  English  ▼

X  

SMAL7 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # SMAL7
Description  Cascadable Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

SMAL7 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  SMAL7 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. SMAL7 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. SMAL7 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. SMAL7 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Cascadable Amplifier
50 to 500 MHz
Rev. V4
AL7 / SMAL7
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
Features
 SYMMETRICAL CLIPPING:
GOOD EVEN-ORDER SUPPRESSION
 HIGH GAIN: 13 dB (TYP.)
 LOW VSWR: < 1.5:1 (TYP.)
 FAST PULSE RECOVERY TIME: < 50 NSEC (TYP.)
Description
The AL7 limiting amplifier is a discrete hybrid design, which
uses thin film manufacturing processes for accurate
performance and high reliability.
This design uses a Schottky diode limiter circuit at the output,
and a single stage bipolar transistor feedback amplifier at the
output. An RF choke is used for DC power supply decoupling
.
Both TO-8 and Surface Mount packages are hermetically
sealed, and MIL-STD-883 environmental screening is available.
Product Image
Ordering Information
Part Number
Package
AL7
TO-8
SMAL7
Surface Mount
CAL7 **
SMA Connectorized
Absolute Maximum Ratings
Parameter
Absolute
Maximum
Storage Temperature
-62ºC to +125ºC
Case Temperature
+125ºC
DC Voltage
+17 V
Continuous Input Power
+13 dBm
Short Term Input power
(1 minute max.)
50 mW
Peak Power (3 µsec max.)
0.5 W
“S” Series Burn-In
Temperature (case)
125ºC
Thermal Data: VCC = +15 VDC
Parameter
Rating
Thermal Resistance θjc
45ºC/W
Transistor Power Dissipation Pd
0.560 W
Junction Temperature Rise
Above Case Tjc
25.2ºC
Electrical Specifications: Z0 = 50, VCC = +15 VDC
Parameter
Units
Typical
Guaranteed
25ºC
0º to 50ºC -54º to +85ºC*
Frequency
MHz
20-550
50-500
50-500
Small Signal Gain (min)
dB
13.0
12.0
11.0
Gain Flatness (max)
dB
±0.2
±0.5
±0.7
Noise Figure (max)
50-300 MHz
300-500 MHz
dB
dB
5.0
5.5
6.0
6.5
6.5
7.0
Power Output @ 1 dB comp. (min)
dBm
-1.5
-5.0
-7.0
Output Limiting Level (max)
Pin = +10 dBm
dBm
+0.5
+1.5
+2.5
VSWR Input / Output (max)
1.1:1/<1.5:1 1.7:1/ 2.0:1
1.8:1 / 2.1:1
DC Current @ 15 Volts (max)
mA
54
60
62
* Over temperature performance limits for part number CAL7, guaranteed from 0oC to +50oC only.
** The connectorized version is not RoHs compliant.


Similar Part No. - SMAL7

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SMAL7 MACOM-SMAL7 Datasheet
422Kb / 2P
Cascadable Amplifier 50 to 500 MHz
logo
M/A-COM Technology Solu...
SMAL7 MA-COM-SMAL7 Datasheet
1Mb / 3P
Cascadable Amplifier 50 to 500 MHz
More results

Similar Description - SMAL7

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
A75-2 MA-COM-A75-2 Datasheet
1Mb / 2P
Cascadable Amplifier Cascadable Amplifier
A87-2 MA-COM-A87-2 Datasheet
1Mb / 2P
Cascadable Amplifier Cascadable Amplifier
A18-1-SMA18-1 MA-COM-A18-1-SMA18-1 Datasheet
1Mb / 2P
Cascadable Amplifier
A26-SMA26 MA-COM-A26-SMA26 Datasheet
205Kb / 2P
Cascadable Amplifier
A28-SMA28 MA-COM-A28-SMA28 Datasheet
1Mb / 2P
Cascadable Amplifier
A59-SMA59 MA-COM-A59-SMA59 Datasheet
1Mb / 2P
Cascadable Amplifier
A70-1-SMA70-1 MA-COM-A70-1-SMA70-1 Datasheet
1Mb / 2P
Cascadable Amplifier
A70-3-SMA70-3 MA-COM-A70-3-SMA70-3 Datasheet
1Mb / 2P
Cascadable Amplifier
PA511-SMPA511 MA-COM-PA511-SMPA511 Datasheet
1Mb / 2P
Cascadable Amplifier
RA62-SMRA62 MA-COM-RA62-SMRA62 Datasheet
1Mb / 2P
Cascadable Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com