Electronic Components Datasheet Search
  English  ▼

X  

M21518 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # M21518
Description  3G/HD/SD-SDI Low Power Cable Driver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M21518 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  M21518 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M21518 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.mindspeed.com/salesoffices
General Information: (949) 579-3000
Headquarters – Newport Beach
4000 MacArthur Blvd., East Tower
Newport Beach, CA 92660-3007
M21518-BRF-001-A.pdf
© 2010 Mindspeed Technologies, Inc. All rights reserved. Mindspeed and the Mindspeed logo are
trademarks of Mindspeed Technologies. All other trademarks are the property of their respec-
tive owners. Although Mindspeed Technologies strives for accuracy in all its publications, this
material may contain errors or omissions and is subject to change without notice. This material is
provided as is and without any express or implied warranties, including merchantability, fitness
for a particular purpose and non-infringement. Mindspeed Technologies shall not be liable for
any special, indirect, incidental or consequential damages as a result of its use.
For more product information, please visit www.mindspeed.com
Applications
•
3G/HD/SD-SDI switchers
•
3G/HD/SD-SDI routers
•
3G/HD/SD distribution amplifiers
•
DVB-ASI equipment
Standards Compliance
•
SMPTE 259M, 292M, 344M, 424M
•
Supports DVB-ASI (270 Mbps)
Package (RoHS Compliant)
•
24pin QFN
•
4mmX4mm
> Product Features
Fig. 2 - Typical Routing Switcher Application Diagram
Fig. 1 - M21518 Functional Block Diagram
SDIP
LOS
IE
SDIN
75Ω/50Ω
SDO0A
SDO0B
75Ω/50Ω
CABLE
DET
Equalizer
Crosspoint
Cable Driver
M21518
Reclocker
Backplane



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com