Electronic Components Datasheet Search
  English  ▼

X  

HMC221 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC221
Description  GaAs MMIC SOT26 SPDT SWITCH, DC - 3 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC221 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC221 Datasheet HTML 1Page - Hittite Microwave Corporation HMC221 Datasheet HTML 2Page - Hittite Microwave Corporation HMC221 Datasheet HTML 3Page - Hittite Microwave Corporation HMC221 Datasheet HTML 4Page - Hittite Microwave Corporation HMC221 Datasheet HTML 5Page - Hittite Microwave Corporation HMC221 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MICROWAVE CORPORATION
14 - 67
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
14
-3
-2.5
-2
-1.5
-1
-0.5
0
0
0.5
1
1.5
2
2.5
3
FREQUENCY (GHz)
-50
-40
-30
-20
-10
0
0
0.5
1
1.5
2
2.5
3
FREQUENCY (GHz)
-35
-30
-25
-20
-15
-10
-5
0
0
0.5
1
1.5
2
2.5
3
FREQUENCY (GHz)
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER 17 - 25 GHz
HMC221
Return Loss
Insertion Loss
Isolation
v01.0700
GaAs MMIC SOT26 SPDT
SWITCH, DC - 3 GHz
15
20
25
30
35
34
5
6
7
8
9
CONTROL INPUT (Vdc)
1 dB at 1900 MHz
1 dB at 900 MHz
0.1 dB at 1900 MHz
0.1 dB at 900 MHz
38
40
42
44
46
48
23
4
5
6
789
CONTROL INPUT (Vdc)
900 MHz
1900 MHz
Input 0.1 and 1.0 dB
Compression vs. Control Voltage
Input Third Order
Intercept Point vs. Control Voltage



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com