Electronic Components Datasheet Search
  English  ▼

X  

TLP240A Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP240A
Description  Photocouplers Photorelay
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP240A Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP240A Datasheet HTML 1Page - Toshiba Semiconductor TLP240A Datasheet HTML 2Page - Toshiba Semiconductor TLP240A Datasheet HTML 3Page - Toshiba Semiconductor TLP240A Datasheet HTML 4Page - Toshiba Semiconductor TLP240A Datasheet HTML 5Page - Toshiba Semiconductor TLP240A Datasheet HTML 6Page - Toshiba Semiconductor TLP240A Datasheet HTML 7Page - Toshiba Semiconductor TLP240A Datasheet HTML 8Page - Toshiba Semiconductor TLP240A Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
TLP240A,TLP240AF
1
Photocouplers Photorelay
TLP240A,TLP240AF
TLP240A,TLP240AF
TLP240A,TLP240AF
TLP240A,TLP240AF
Start of commercial production
2013-03
1.
1.
1.
1. Applications
Applications
Applications
Applications
•
Mechanical relay replacements
•
Security Systems
•
Measuring Instruments
•
Factory Automation (FA)
•
Amusement Equipment
•
Smart Meters
•
Electricity Meters
2.
2.
2.
2. General
General
General
General
The TLP240A and TLP240AF photorelay consist of a photo MOSFET optically coupled to an infrared light emitting
diode. They are housed in a 4-pin DIP package. They provide an isolation voltage of 5000 Vrms, making them
suitable for applications that require reinforced insulation.
3.
3.
3.
3. Features
Features
Features
Features
(1)
Normally opened (1-Form-A)
(2)
OFF-state output terminal voltage: 60 V (min)
(3)
Trigger LED current: 3 mA (max)
(4)
ON-state current: 500 mA (max)
(5)
ON-state resistance: 2 Ω (max)
(6)
Isolation voltage: 5000 Vrms (min)
(7)
Safety standards
UL-approved UL1577 File No. E67349
cUL-approved CSA Component Acceptance Service No. 5A File No. E67349
VDE-approved: Option (D4) EN60747-5-5 (Note)
(Note)
(Note)
(Note)
Note:
When an EN60747-5-5 approved type is needed, please designate the Option (D4)
Option (D4)
Option (D4)
Option (D4).
4.
4.
4.
4. Mechanical Parameters
Mechanical Parameters
Mechanical Parameters
Mechanical Parameters
Characteristics
Creepage distances
Clearance distances
Internal isolation thickness
7.62-mm Pitch
TLP240A
7.0 (min)
7.0 (min)
0.4 (min)
10.16-mm Pitch
TLP240AF
8.0 (min)
8.0 (min)
0.4 (min)
Unit
mm
2015-09-11
Rev.3.0
©2015 Toshiba Corporation


Similar Part No. - TLP240A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP2403 TOSHIBA-TLP2403 Datasheet
233Kb / 12P
High-Speed Digital Interfacing for Instrumentation and Control Devices Simplex/Multiplex Data Transmission
TLP2404 TOSHIBA-TLP2404 Datasheet
267Kb / 11P
IPM (Intelligent Power Module) Industrial Inverter Operate at high ambient temperatures up to 125째C
TLP2405 TOSHIBA-TLP2405 Datasheet
338Kb / 14P
Photocouplers GaA?밃s Infrared LED & Photo IC
TLP2408 TOSHIBA-TLP2408 Datasheet
340Kb / 14P
Photocouplers GaAAs Infrared LED & Photo IC
TLP2409 TOSHIBA-TLP2409 Datasheet
188Kb / 8P
Photocouplers GaA-As Infrared LED and Photo IC
More results

Similar Description - TLP240A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP171D TOSHIBA-TLP171D Datasheet
219Kb / 7P
Photocouplers Photorelay
2019-10-11 Rev.4.0
TLP172GM TOSHIBA-TLP172GM Datasheet
303Kb / 11P
Photocouplers Photorelay
2021-05-28 Rev.10.0
TLP223GA TOSHIBA-TLP223GA Datasheet
597Kb / 18P
Photocouplers Photorelay
2022-02-02 Rev.4.0
TLP240GA TOSHIBA-TLP240GA Datasheet
408Kb / 19P
Photocouplers Photorelay
2020-02-04 Rev.8.0
TLP3109A TOSHIBA-TLP3109A Datasheet
314Kb / 10P
Photocouplers Photorelay
2022-04-12 Rev.3.0
TLP3146 TOSHIBA-TLP3146 Datasheet
322Kb / 8P
Photocouplers Photorelay
2018-06-28 Rev.1.0
TLP3407SRA4 TOSHIBA-TLP3407SRA4 Datasheet
545Kb / 12P
Photocouplers Photorelay
2021-09-10 Rev.1.0
TLP3419 TOSHIBA-TLP3419 Datasheet
300Kb / 10P
Photocouplers Photorelay
2020-02-20 Rev.9.0
TLP3420 TOSHIBA-TLP3420 Datasheet
301Kb / 10P
Photocouplers Photorelay
2020-02-20 Rev.9.0
TLP3451 TOSHIBA-TLP3451 Datasheet
295Kb / 10P
Photocouplers Photorelay
2020-02-20 Rev.9.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com