Electronic Components Datasheet Search
  English  ▼

X  

NSVS1104 Datasheet(PDF) 4 Page - New Japan Radio

Part # NSVS1104
Description  NewJRC SAW FILTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NSVS1104 Datasheet(HTML) 4 Page - New Japan Radio

  NSVS1104 Datasheet HTML 1Page - New Japan Radio NSVS1104 Datasheet HTML 2Page - New Japan Radio NSVS1104 Datasheet HTML 3Page - New Japan Radio NSVS1104 Datasheet HTML 4Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
0
20
40
60
80
100
S21
0
2
4
6
8
10
CH1 : center 433.92 span 100
CH2 : center 433.92 span 100
FREQUENCY CHARACTERISTICS
NSVS1104 Apr. 2013
S11
S22
S11
S22
1
1
3
3
5
5
7
7
9
9
11
11
383.9
383.9
483.9
483.9
Frequency [MHz]
Frequency [MHz]
0
20
40
60
80
100
0.3
3000
S21
Frequency [MHz]



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com