Electronic Components Datasheet Search
  English  ▼

X  

NSVS1107 Datasheet(PDF) 1 Page - New Japan Radio

Part # NSVS1107
Description  New JRC SAW FILTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NSVS1107 Datasheet(HTML) 1 Page - New Japan Radio

  NSVS1107 Datasheet HTML 1Page - New Japan Radio NSVS1107 Datasheet HTML 2Page - New Japan Radio NSVS1107 Datasheet HTML 3Page - New Japan Radio NSVS1107 Datasheet HTML 4Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NSVS1107 Jan. 2014
Application
449.7MHz Low Power Transceiver
Electrical Specification: (Table 1)
The device characteristics are measured in the circuit shown in Fig.1.
Maximum Rating: (Table 2)
Mechanical Specifications: (Fig.2)
Package is designed as small as 3.0x3.0x1.15[mm3] for SMD (Surface Mount Device) type.
Notice:
This part is electrostatic discharge sensitive and may be damaged by improper handling.
Table 1. Electrical Specifications
Item
Spec.
Typ.
Input and Output Impedance
50
-
Nominal Center Frequency (f0)
449.7MHz
-
Insertion Loss
449.2~450.2MHz
3.5dB max.
2.5dB
Response Variation
449.2~450.2MHz
1.5dB max.
0.5dB
Input and Output VSWR
449.2~450.2MHz
2.5 max.
1.5
Out of Band Rejection
(Relative to Through Level)
420.0 MHz
25dB min.
60dB
428.3 MHz
50dB min.
60dB
471.1 MHz
40dB min.
50dB
(Operating Temperature Range: - 10~+60ºC)
Table 2. Maximum Ratings
Item
Rating
Maximum Input Power
+20dBm
Maximum DC Voltage
7.5V
Operating Temperature Range
-10~+60ºC
Storage Temperature
-20~+70ºC
New JRC SAW FILTER
NSVS1107
http://www.njr.co.jp/products/device/index.html (Japanese)
http://www.njr.com/products/device/index.html (English)


Similar Part No. - NSVS1107

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NSVS1101 NJRC-NSVS1101 Datasheet
171Kb / 4P
NewJRC SAW FILTER
NSVS1102 NJRC-NSVS1102 Datasheet
170Kb / 4P
NewJRC SAW FILTER
NSVS1103 NJRC-NSVS1103 Datasheet
175Kb / 4P
NewJRC SAW FILTER
NSVS1104 NJRC-NSVS1104 Datasheet
169Kb / 4P
NewJRC SAW FILTER
NSVS1105 NJRC-NSVS1105 Datasheet
249Kb / 4P
NewJRC SAW FILTER
More results

Similar Description - NSVS1107

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NSVS783 NJRC-NSVS783 Datasheet
72Kb / 4P
JRC SAW FILTER
NSVS658 NJRC-NSVS658 Datasheet
279Kb / 4P
JRC SAW FILTER
NSVA339 NJRC-NSVA339 Datasheet
48Kb / 3P
JRC SAW FILTER
NSTS9116 NJRC-NSTS9116 Datasheet
112Kb / 4P
New JRC SAW FILTER
NSTS9117 NJRC-NSTS9117 Datasheet
112Kb / 4P
New JRC SAW FILTER
NSTS9118 NJRC-NSTS9118 Datasheet
116Kb / 4P
New JRC SAW FILTER
NSVS613 NJRC-NSVS613 Datasheet
461Kb / 4P
New JRC SAW FILTER
NSVS680 NJRC-NSVS680_14 Datasheet
485Kb / 4P
New JRC SAW FILTER
NSTS9119 NJRC-NSTS9119 Datasheet
248Kb / 4P
New JRC SAW FILTER
NSVS9016 NJRC-NSVS9016 Datasheet
147Kb / 4P
New JRC SAW FILTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com