Electronic Components Datasheet Search
  English  ▼

X  

HMC232C8 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC232C8
Description  GaAs MMIC SMT HIGH ISOLATION SPDT SWITCH, DC - 8.0 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC232C8 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC232C8 Datasheet HTML 1Page - Hittite Microwave Corporation HMC232C8 Datasheet HTML 2Page - Hittite Microwave Corporation HMC232C8 Datasheet HTML 3Page - Hittite Microwave Corporation HMC232C8 Datasheet HTML 4Page - Hittite Microwave Corporation HMC232C8 Datasheet HTML 5Page - Hittite Microwave Corporation HMC232C8 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MICROWAVE CORPORATION
14 - 90
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
14
HMC232C8
GaAs MMIC SMT HIGH ISOLATION
SPDT SWITCH, DC - 8.0 GHz
v02.1203
Truth Table
Absolute Maximum Ratings
Control Voltages
Outline Drawing
Control Input
Signal Path State
A
B
RFC to RF1
RFC to RF2
High
Low
ON
OFF
Low
High
OFF
ON
State
Bias Condition
Low
0 to -0.2V @ 10 uA Max.
High
-5V @ 10 uA Typ. to -7V @ 45 uA Typ.
RF Input Power (Vctl= -5V)
(0.5 - 8 GHz)
+30 dBm (@ +50 °C)
Control Voltage Range (A & B)
+1.0V to -7.5 Vdc
Channel Temperature
150 °C
Thermal Resistance
94 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
NOTES:
1. PACKAGE BODY MATERIAL: WHITE ALUMINA 92%
2. LEAD, PACKAGE BOTTOM MATERIAL: COPPER
3. PLATING: ELECTROLYTIC GOLD 100-200 MICROINCHES, OVER
ELECTROLYTIC NICKEL 100-250 MICROINCHES.
4. DIMENSIONS ARE IN INCHES [MILLIMETERS].
5. PACKAGE LENGTH AND WIDTH DIMENSIONS DO NOT INCLUDE LID
SEAL PROTRUSION .005 PER SIDE.
6. ALL GROUND LEADS AND GROUND PADDLE MUST BE SOLDERED
TO PCB RF GROUND.
Caution: Do not “Hot Switch” power levels greater than
+26 dBm (Vctl = 0/-5 Vdc).



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com