Electronic Components Datasheet Search
  English  ▼

X  

HMC240 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC240
Description  GaAs MMIC SPDT SWITCH DC - 4.0 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC240 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC240 Datasheet HTML 1Page - Hittite Microwave Corporation HMC240 Datasheet HTML 2Page - Hittite Microwave Corporation HMC240 Datasheet HTML 3Page - Hittite Microwave Corporation HMC240 Datasheet HTML 4Page - Hittite Microwave Corporation HMC240 Datasheet HTML 5Page - Hittite Microwave Corporation HMC240 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MICROWAVE CORPORATION
7 - 9
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
7
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER 17 - 25 GHz
HMC240
Input Third Order Intercept Point
GaAs MMIC SPDT SWITCH
DC - 4.0 GHz
v00.0403
Return Loss
0.1 and 1 dB Input Compression Point
Insertion Loss vs. Temperature
Isolation
-3
-2.5
-2
-1.5
-1
-0.5
0
0
0.5
1
1.5
2
2.5
3
3.5
4
+25 C
+85 C
-55 C
FREQUENCY (GHz)
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
0
0.5
1
1.5
2
2.5
3
3.5
4
RF1
RF2
FREQUENCY (GHz)
-30
-25
-20
-15
-10
-5
0
0
0.5
1
1.5
2
2.5
3
3.5
4
RFC
RF1, RF2, ON
FREQUENCY (GHz)
30
35
40
45
50
55
60
+25 C
+85 C
-40 C
0.5
1
1.5
2
2.5
3
3.5
4
FREQUENCY (GHz)
22
23
24
25
26
27
28
29
30
31
32
0.5
1
1.5
2
2.5
3
3.5
4
1.0 dB Compression Point
0.1 dB Compression Point
FREQUENCY (GHz)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com