Electronic Components Datasheet Search
  English  ▼

X  

TL499ACP Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TL499ACP
Description  Wide-Range Power-Supply Controllers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL499ACP Datasheet(HTML) 8 Page - Texas Instruments

Back Button TL499ACP Datasheet HTML 4Page - Texas Instruments TL499ACP Datasheet HTML 5Page - Texas Instruments TL499ACP Datasheet HTML 6Page - Texas Instruments TL499ACP Datasheet HTML 7Page - Texas Instruments TL499ACP Datasheet HTML 8Page - Texas Instruments TL499ACP Datasheet HTML 9Page - Texas Instruments TL499ACP Datasheet HTML 10Page - Texas Instruments TL499ACP Datasheet HTML 11Page - Texas Instruments TL499ACP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
TL499A
SLVS029H – JANUARY 1984 – REVISED NOVEMBER 2015
www.ti.com
Typical Application (continued)
Table 1. Maximum Output Current vs Input and Output Voltages for Step-Up Switching Regulator With
RCL = 150 Ω (continued)
SWITCHING REGULATOR INPUT VOLTAGE (SW REG IN2) (V)
OUTPUT
1.1
1.2
1.3
1.5
1.7
2
2.5
3
5
6
9
VOLTAGE (V)
OUTPUT CURRENT (mA)
5
35
40
45
55
70
85
100
100
Circuit of Figure 1, except:
4.5
35
45
50
60
75
95
100
100(1)
RCL = 150 Ω
CF = 330 μF
3
55
65(1)
75(1)
95(1)
100(1)
CP = 0.1 μF
2.9
60(1)
70(1)
75(1)
100(1)
100(1)
(1)
The difference between the output and input voltage for these combinations is greater than the minimum output-to-input differential-
voltage specification at 70°C (1.2 V), but less than the minimum at 85°C (1.9 V).
Table 2. Maximum Output Current vs Input and Output Voltages for Step-Up Switching Regulator With
RCL = 200 Ω
SWITCHING REGULATOR INPUT VOLTAGE (SW REG IN2) (V)
OUTPUT
1.1
1.2
1.3
1.5
1.7
2
2.5
3
5
6
9
VOLTAGE (V)
OUTPUT CURRENT (mA)
30
50
100
25
50
70
100
20
15
25
30
70
90
100
15
10
15
25
35
45
90
100
100
12
10
10
15
20
25
35
45
60
100
100
100
10
15
20
20
25
30
40
55
70
100
100
9
20
20
25
30
35
45
60
80
100
6
25
30
35
45
50
65
90
100
5
30
35
40
55
60
75
100
100
Circuit of Figure 1, except:
4.5
35
40
45
55
65
85
100
100(1)
RCL = 200 Ω
CF = 330 μF
3
50
55(1)
65(1)
80(1)
90(1)
CP = 0.1 μF
2.9
50(1)
60(1)
65(1)
85(1)
100(1)
(1)
The difference between the output and input voltage for these combinations is greater than the minimum output-to-input differential-
voltage specification at 70°C (1.2 V), but less than the minimum at 85°C (1.9 V).
Table 3. Maximum Output Current vs Input and Output Voltages for Step-Up Switching Regulator With
RCL = 300 Ω
SWITCHING REGULATOR INPUT VOLTAGE (SW REG IN2) (V)
OUTPUT
1.1
1.2
1.3
1.5
1.7
2
2.5
3
5
6
9
VOLTAGE (V)
OUTPUT CURRENT (mA)
30
40
70
25
40
55
100
20
10
15
20
55
70
100
15
10
10
20
30
35
75
95
100
12
10
10
10
15
20
25
35
45
95
100
100
10
15
15
15
20
25
30
45
55
100
100
9
15
15
20
25
30
35
50
60
100
100
6
25
25
30
35
45
55
70
90
8
Submit Documentation Feedback
Copyright © 1984–2015, Texas Instruments Incorporated
Product Folder Links: TL499A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com